Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51RC2 Datasheet(PDF) 44 Page - ATMEL Corporation

Part # AT89LP51RC2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RC2 Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button AT89LP51RC2 Datasheet HTML 40Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 41Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 42Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 43Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 44Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 45Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 46Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 47Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 254 page
background image
44
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
Figure 6-5.
Crystal Oscillator B Connections
Note:
1.
C1, C2 = 10–20 pF for Crystals
= 10–20 pF for Ceramic Resonators
6.5
External Clock Source B (AT89LP51IC2)
The external clock option of AT89LP51IC2 disables the oscillator amplifier B and allows XTAL1B
to be driven directly by an external clock source as shown in Figure 6-6. XTAL2B may be left
unconnected or used as general purpose I/O P4.2.
Figure 6-6.
External Clock A Drive Configuration
6.6
Dual Oscillator Support (AT89LP51IC2)
The AT89LP51IC2 has the ability to switch between two different selectable system clock
sources under software control as shown in Figure 6-2 on page 41.
•OSCA can be a high frequency crystal, external clock or the internal 8 MHz oscillator
•OSCB can be a low frequency crystal, external clock or the internal 8 MHz oscillator
Several operating modes are available and programmable by software:
• Switch system clock source from OSCA to OSCB and vice-versa
•Power down OSCA or OSCB to reduce consumption
•Boot from a fast responding, less accurate oscillator and switch later to a more accurate but
slow to stabilize oscillator.
Selection of which oscillator drives the system clock is controlled by the CKS bit in CKSEL. In
order to switch to a different oscillator, that oscillator must be enabled with the OscAEn or Osc-
~10 pF
~10 pF
C2
Rd
C1
XTAL2B
XTAL1B
XTAL2B (P4.2)
XTAL1B (P1.0)
GND
NC GPIO
EXTERNAL
OSCILLATOR
SIGNAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com