Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51RC2 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT89LP51RC2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RC2 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT89LP51RC2 Datasheet HTML 35Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 36Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 37Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 38Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 39Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 40Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 41Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 42Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 254 page
background image
39
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
5.4.2.3
Circular Buffers
The CBE0 and CBE1 bits in DSPR can configure DPTR0 and DPTR1, respectively, to operate in
circular buffer mode. The AT89LP51RB2/RC2/IC2 maps circular buffers into two identically
sized regions of EDATA/XDATA. These buffers can speed up convolution computations such as
FIR and IAR digital filters. The length of the buffers are set by the value of the FIRD (E3H) regis-
ter for up to 256 entries. Buffer A is mapped from 0000H to FIRD and Buffer B is mapped from
0100H to 100H+FIRD as shown in Figure 5-5. Both data pointers may operate in either buffer.
When circular buffer mode is enabled, updates to a data pointer referencing the buffer region will
follow circular addressing rules. If the data pointer is equal to FIRD or 100H+FIRD any incre-
ment will cause it to overflow to 0000H or 0100H respectively. If the data pointer is equal to
0000H or 0100H any decrement will cause it to underflow to FIRD or 100H+FIRD respectively.
In this mode, updates can be either an explicit INC DPTR or an automatic update using DPUn
where the DPDn bits control the direction. The data pointer will increment or decrement normally
at any other addresses. Therefore, when circular addressing is in use, the data pointers can still
operate as regular pointers in the FIRD+1 to 00FFH and greater than 100H+FIRD ranges.
Figure 5-5.
Circular Buffer Mode
5.5
Instruction Set Extensions
Table 5-10 lists the additions to the 8051 instruction set that are supported by the
AT89LP51RB2/RC2/IC2. For more information on the instruction set see Section 22. “Instruction
Set Summary” on page 173. For detailed descriptions of the extended instructions see Section
22.1 “Instruction Set Extensions” on page 177.
0000h
DPTR
0100h
FIRD
100h + FIRD
DPTR
A
B
Table 5-10.
AT89LP51RB2/RC2/IC2 Extended Instructions
Opcode
Mnemonic
Description
Bytes
Cycles
A5 00
BREAK
Software breakpoint
2
2
A5 03
ASR M
Arithmetic shift right of M register
2
2
A5 23
LSL M
Logical shift left of M register
2
2
A5 73
JMP @A+PC
Indirect jump relative to PC
2
3
A5 90
MOV /DPTR, #data16
Move 16-bit constant to alternate data
pointer
44
A5 93
MOVC A, @A+/DPTR
Move code location to ACC relative to
alternate data pointer
24
A5 A3
INC /DPTR
Increment alternate data pointer
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com