Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51RC2 Datasheet(PDF) 28 Page - ATMEL Corporation

Part # AT89LP51RC2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RC2 Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button AT89LP51RC2 Datasheet HTML 24Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 25Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 26Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 27Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 28Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 29Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 30Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 31Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 254 page
background image
28
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
Table 4-11.
Keyboard Interface SFRs
Mnemonic
Add
Name
765432
10
KBLS
9Ch
Keyboard Level Selector
KBLS7
KBLS6
KBLS5
KBLS4
KBLS3
KBLS2
KBLS1
KBLS0
KBE
9Dh
Keyboard Input Enable
KBE7
KBE6
KBE5
KBE4
KBE3
KBE2
KBE1
KBE0
KBF
9Eh
Keyboard Flag Register
KBF7
KBF6
KBF5
KBF4
KBF3
KBF2
KBF1
KBF0
KBMOD
9Fh
Keyboard Mode Register
KBM7
KBM6
KBM5
KBM4
KBM3
KBM2
KBM1
KBM0
Table 4-12.
Flash Memory SFR
Mnemonic
Add
Name
765432
10
FCON
D2h
Flash Control Register
FPL3
FPL2
FPL1
FPL0
FPS
FMOD1
FMOD0
FBUSY
EECON
D2h
EEPROM Control Register
FOUT
AERS
LDPG
FLGE
INHIBIT
ERR
EEE
EEBUSY
Table 4-13.
Analog Comparator SFRs
Mnemonic
Add
Name
765432
10
ACSRA
A3h
Comparator A Control Register
CSA1
CSA0
CONA
CFA
CENA
CMA
CMA1
CMA0
ACSRB
ABh
Comparator B Control Register
CSB1
CSB0
CONB
CFB
CENB
CMB
CMB1
CMB0
AREF
BDh
Comparator Reference Register
CMPB
CMPA
RFB1
RFB0
CCS1CCS0
RFA1
RFA0
Table 4-14.
ADC Controller SFRs
Mnemonic
Add
Name
765432
10
DADC
A4h
DAC/ADC Control Register
ADIF
GO/BSY
DAC
ADCE
LADJ
ACK2
ACK1
ACK0
DADI
A5h
DAC/ADC Input Register
ACON
IREF
TRG1
TRG0
DIFF
ACS2ACS1ACS0
DADL
ACh
DAC/ADC Data Low Register
DADH
ADh
DAC/ADC Data High Register
Table 4-15.
PCA SFRs
Mnemo
-nic
Add
Name
7
6
54321
0
CCON
D8h
PCA Timer/Counter Control
CF
CR
–
CCF4
CCF3
CCF2
CCF1
CCF0
CMOD
D9h
PCA Timer/Counter Mode
CIDL
WDTE
–
–
–
CPS1CPS0ECF
CL
E9h
PCA Timer/Counter Low Byte
CH
F9h
PCA Timer/Counter High Byte
CCAPM0 DAh
PCA Timer/Counter Mode 0
ECOM0
CAPP0
CAPN0
MAT0
TOG0
PWM0
ECCF0
CCAPM1 DBh PCA Timer/Counter Mode 1
ECOM1
CAPP1
CAPN1
MAT1
TOG1
PWM1
ECCF1
CCAPM2 DCh PCA Timer/Counter Mode 2
ECOM2
CAPP2
CAPN2
MAT2
TOG2
PWM2
ECCF2
CCAPM3 DDh PCA Timer/Counter Mode 3
ECOM3
CAPP3
CAPN3
MAT3
TOG3
PWM3
ECCF3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com