Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51RC2 Datasheet(PDF) 53 Page - ATMEL Corporation

Part # AT89LP51RC2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RC2 Datasheet(HTML) 53 Page - ATMEL Corporation

Back Button AT89LP51RC2 Datasheet HTML 49Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 50Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 51Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 52Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 53Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 54Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 55Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 56Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 57Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 254 page
background image
53
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
Figure 7-3.
Brown-out Detector Reset
The AT89LP51RB2/RC2/IC2 allows for a wide V
DD operating range. The on-chip BOD may not
be sufficient to prevent incorrect execution if V
BOD is lower than the minimum required VDD
range, such as when a 5.0V supply is coupled with high frequency operation. In such cases an
external Brown-out Reset circuit connected to the RST pin may be required.
7.3
External Reset
The RST pin of the AT89LP51RB2/RC2/IC2 can function as either an active-low reset input or
as an active-high reset input. The polarity of the RST pin is selectable using the POL pin (for-
merly EA). When POL is high the RST pin is active high with an on-chip pull-down resistor tied to
GND. When POL is low the RST pin is active low with an on-chip pull-up resistor tied to V
DD. The
RST pin structure is shown in Figure 7-4. Entry into reset is completely asynchronous. The pres-
ence of the active reset level on the input will immediately reset the device. A glitch filter will
suppress all reset input pulses of less than 50 ns. Exit from reset is synchronous. In Compatibil-
ity mode the reset pin is sampled every six clock cycles and must be held inactive for at least
twelve clock cycles to deassert the internal reset. In Fast mode the reset pin is sampled every
clock cycle and must be held inactive for at least two clock cycles to deassert the internal reset.
The AT89LP51RB2/RC2/IC2 includes an on-chip Power-On Reset and Brown-out Detector cir-
cuit that ensures that the device is reset from system power up. In most cases a RC startup
circuit is not required on the RST pin, reducing system cost, and the RST pin may be left uncon-
nected if a board-level reset is not present.
Note:
RST also serves as the In-System Programming (ISP) enable. ISP is enabled when the external
reset pin is held active. When ISP is disabled by fuse, ISP may only be entered by pulling RST
active during power-up. If this behavior is necessary, it is recommended to use an active-low reset
so that ISP can be entered by shorting RST to GND at power-up.
Figure 7-4.
Reset Pin Structure
VDD
Time-out
VPOR
Internal
Reset
tSUT
VBOD
VCC
DISRTO
WDT Reset
RST
Internal Reset
POL = 1
VCC
DISRTO
WDT Reset
RST
Internal Reset
POL = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com