Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51RC2 Datasheet(PDF) 48 Page - ATMEL Corporation

Part # AT89LP51RC2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RC2 Datasheet(HTML) 48 Page - ATMEL Corporation

Back Button AT89LP51RC2 Datasheet HTML 44Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 45Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 46Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 47Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 48Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 49Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 50Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 51Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 52Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 254 page
background image
48
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
6.9
Peripheral Clocks
The base peripheral clock is the same as the CPU clock. It is affected by both the X2 setting and
the CKRL prescaler. However, individual peripherals can have their clock further modified using
the Timer Prescaler in the CLKREG register and the clock selection bits in the CKCON0 and
CKCON1 registers. The Timer Prescaler is a 4-bit prescaler controlled by the TPS bits in
CLKREG (See Table 6-8 on page 47). This prescaler is shared among all peripherals and con-
trols the counting rate of Timer 0, Timer 1, Timer 2, the PCA Timer and the Watchdog. By default
the timers will count every CPU clock cycle in Fast mode (TPS = 0000B) and every six CPU
cycles in Compatibility mode (TPS = 0101B).
The bits in CKCON0 and CKCON1 select how the Timer Prescaler affects each peripheral. In
Compatibility mode these bits decide if a further divide-by-two is included in addition to the pres-
caler. This allows a device in X2 mode to use peripherals that still run in X1 mode, i.e. X2 can be
enabled to speed up the CPU without needing to update the peripheral baud rates, overflow
periods, etc. Peripherals not affected by the Timer Prescaler switch between the CPU clock and
the CPU clock divided-by-2.
In Fast Mode the bits in CKCON0 and CKCON1 turn the Timer Prescaler on/off for each periph-
eral. The following equations show the peripheral clock rates in Compatibility Mode and Fast
Mode where ?X2 is a peripherals bit in CKCON0 or CKCON1.
An overview of the peripheral clock selection is given in Figure 6-7 on page 49.
fPERIPHERAL
fCPU
2
?X2
TPS
1
+
()
×
---------------------------------------------
=
Compatibility Mode
fPERIPHERAL
fCPU
TPS
1
+
---------------------
=
Fast Mode and ?X2 = 1
Table 6-9.
CKCON0
– Clock Control Register 0
CKCON0 = 8FH
Reset Value = 0000 000?B
Not Bit Addressable
TWIX2
WDX2
PCAX2
SIX2
T2X2
T1X2
T0X2
X2
Bit
7
6
543
21
0
Symbol
Function
TWIX2
Two-Wire Clock. In Compatibility Mode, clear for one system clock period per peripheral clock cycle and set for two
clock periods per peripheral clock cycle (only valid when X2 = 1). In Fast Mode, clear for one system clock period and
set for TPS+1 clocks per peripheral clock cycle. This bit only affects the generated SCL rate during TWI master mode.
WDX2
Watchdog Clock. In Compatibility Mode, clear for TPS+1 system clock periods per peripheral clock cycle and set for
2(TPS+1) clock periods per peripheral clock cycle. In Fast Mode, clear for one system clock period and set for TPS+1
clocks per peripheral clock cycle. This bit affects the watchdog timeout period.
PCAX2
Programmable Counter Array Clock. This bit affects the PCA timer increment rate and depends on CPS in CMOD.
CPS1-0 =00B: In Compatibility Mode, clear for TPS+1 system clock periods per peripheral clock cycle and set for
2(TPS+1) clock periods per peripheral clock cycle. In Fast Mode, clear for one system clock period and set for TPS+1
clocks per peripheral clock cycle.
CPS
1-0 =01B: In Compatibility Mode, clear for one system clock period per peripheral clock cycle and set for two clock
periods per peripheral clock cycle. In Fast Mode, clear for one system clock period and set for TPS+1 clocks per
peripheral clock cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com