Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS90C51 Datasheet(PDF) 12 Page - Hynix Semiconductor

Part # GMS90C51
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS90C51 Datasheet(HTML) 12 Page - Hynix Semiconductor

Back Button GMS90C51 Datasheet HTML 8Page - Hynix Semiconductor GMS90C51 Datasheet HTML 9Page - Hynix Semiconductor GMS90C51 Datasheet HTML 10Page - Hynix Semiconductor GMS90C51 Datasheet HTML 11Page - Hynix Semiconductor GMS90C51 Datasheet HTML 12Page - Hynix Semiconductor GMS90C51 Datasheet HTML 13Page - Hynix Semiconductor GMS90C51 Datasheet HTML 14Page - Hynix Semiconductor GMS90C51 Datasheet HTML 15Page - Hynix Semiconductor GMS90C51 Datasheet HTML 16Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 59 page
background image
GMS90 Series
8
Dec. 1998 Ver 3.0
PIN DEFINITIONS AND FUNCTIONS
Symbol
Pin Number
Input/
Output
Function
PLCC-
44
PDIP-
40
MQFP-
44
P1.0-P1.7
2-9
2
3
2
1-8
1
2
1
40-44,
1-3
40
41
40
I/O
Port1
Port 1 is an 8-bit bidirectional I/O port with internal
pull-ups. Port 1 pins that have 1s written to them are
pulled high by the internal pull-up resistors and can be
used as inputs. As inputs, port 1 pins that are
externally pulled low will source current because of
the pulls-ups (IIL, in the DC characteristics). Pins P1.0
and P1.1 also. Port1 also receives the low-order
address byte during program memory verification.
Port1 also serves alternate functions of Timer 2.
P1.0 / T2 :
Timer/counter 2 external count input
P1.1 / T2EX : Timer/counter 2 trigger input
In GMS9XC54/56/58:
P1.0 / T2, Clock Out : Timer/counter 2 external count
input, Clock Out
P3.0-P3.7
11,
13-19
10-17
5, 7-13
I/O
Port 3
Port 3 is an 8-bit bidirectional I/O port with internal
pull-ups. Port 3 pins that have 1s written to them are
pulled high by the internal pull-up resistors and can be
used as inputs. As inputs, port 3 pins that are
externally pulled low will source current because of
the pulls-ups (IIL, in the DC characteristics). Port 3 also
serves the special features of the 80C51 family, as
listed below.
11
13
14
15
16
17
18
19
10
11
12
13
14
15
16
17
5
7
8
9
10
11
12
13
P3.0 / RxD
P3.1 / TxD
P3.2 /INT0
P 3 .3 / IN T 1
P3.4 /T0
P3.5 /T1
P3.6 / WR
P3.7 /RD
receiver data input (asynchronous) or
data input output(synchronous) of serial
interface 0
transmitter data output (asynchronous)
or clock output (synchronous) of the
serial interface 0
interrupt 0 input/timer 0 gate control
interrupt 1 input/timer 1 gate control
counter 0 input
counter 1 input
the write control signal latches the data
byte from port 0 into the external data
memory
the read control signal enables the
external data memory to port 0
XTAL2
20
18
14
O
XTAL2
Output of the inverting oscillator amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com