Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS90C51 Datasheet(PDF) 43 Page - Hynix Semiconductor

Part # GMS90C51
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS90C51 Datasheet(HTML) 43 Page - Hynix Semiconductor

Back Button GMS90C51 Datasheet HTML 39Page - Hynix Semiconductor GMS90C51 Datasheet HTML 40Page - Hynix Semiconductor GMS90C51 Datasheet HTML 41Page - Hynix Semiconductor GMS90C51 Datasheet HTML 42Page - Hynix Semiconductor GMS90C51 Datasheet HTML 43Page - Hynix Semiconductor GMS90C51 Datasheet HTML 44Page - Hynix Semiconductor GMS90C51 Datasheet HTML 45Page - Hynix Semiconductor GMS90C51 Datasheet HTML 46Page - Hynix Semiconductor GMS90C51 Datasheet HTML 47Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 59 page
background image
GMS90 Series
Dec. 1998 Ver 3.0
39
AC Characteristics for GMS90 series (33MHz)
External Data Memory Characteristics
Advance Information (33MHz)
External Clock Drive
Parameter
Symbol
33 MHz Oscillator
Variable Oscillator
1/tCLCL = 3.5 to 33MHz
Unit
Min.
Max.
Min.
Max.
RD pulse width
tRLRH
132
-
6tCLCL-50
-
ns
WR pulse width
tWLWH
132
-
6tCLCL-50
-
ns
Address hold after ALE
tLLAX2
10
-
tCLCL-20
-
ns
RD to valid data in
tRLDV
-81
-
5tCLCL-70
ns
Data hold after RD
tRHDX
0-
0
-
ns
Data float after RD
tRHDZ
-46
-
2tCLCL-15
ns
ALE to valid data in
tLLDV
-153
-
8tCLCL-90
ns
Address to valid data in
tAVDV
-183
-
9tCLCL-90
ns
ALE to WR or RD
tLLWL
71
111
3tCLCL-20
3tCLCL+20
ns
Address valid to WR or RD
tAVWL
66
-
4tCLCL-55
-
ns
WR or RD high to ALE high
tWHLH
10
40
tCLCL-20
tCLCL+20
ns
Data valid to WR transition
tQVWX
5-
tCLCL-25
-
ns
Data setup before WR
tQVWH
142
-
7tCLCL-70
-
ns
Data hold after WR
tWHQX
10
-
tCLCL-20
-
ns
Address float after RD
tRLAZ
-0
-
0
ns
Parameter
Symbol
Variable Oscillator
(Freq. = 3.5 to 24MHz)
Unit
Min.
Max.
Oscillator period
tCLCL
30.3
285.7
ns
High time
tCHCX
11.5
tCLCL - tCLCX
ns
Low time
tCLCX
11.5
tCLCL - tCHCX
ns
Rise time
tCLCH
-5
ns
Fall time
tCHCL
-5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com