Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS90C51 Datasheet(PDF) 31 Page - Hynix Semiconductor

Part # GMS90C51
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS90C51 Datasheet(HTML) 31 Page - Hynix Semiconductor

Back Button GMS90C51 Datasheet HTML 27Page - Hynix Semiconductor GMS90C51 Datasheet HTML 28Page - Hynix Semiconductor GMS90C51 Datasheet HTML 29Page - Hynix Semiconductor GMS90C51 Datasheet HTML 30Page - Hynix Semiconductor GMS90C51 Datasheet HTML 31Page - Hynix Semiconductor GMS90C51 Datasheet HTML 32Page - Hynix Semiconductor GMS90C51 Datasheet HTML 33Page - Hynix Semiconductor GMS90C51 Datasheet HTML 34Page - Hynix Semiconductor GMS90C51 Datasheet HTML 35Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 59 page
background image
GMS90 Series
Dec. 1998 Ver 3.0
27
1) Capacitive loading on ports 0 and 2 may cause spurious noise pulses to be superimposed on the VOL of ALE and port 3.
The noise is due to external bus capacitance discharging into the port 0 and port 2 pins when these pins make 1-to-0 tran-
sitions during bus operation. In the worst case (capacitive loading:
> 50pF at 3.3V, > 100pF at 5V), the noise pulse on ALE
line may exceed 0.8V. In such cases it may be desirable to qualify ALE with a schmitt-trigger, or use an address latch with
a schmitt-trigger strobe input.
2) Capacitive loading on ports 0 and 2 may cause the VOH on ALE and PSEN to momentarily fall below the 0.9VCC specifica-
tion when the address lines are stabilizing.
3) ICC Max at other frequencies is given by:
active mode: ICC = 1.27 × fOSC + 5.73
idle mode:
ICC = 0.28 × fOSC + 1.45 (except OTP devices)
where fOSC is the oscillator frequency in MHz. ICC values are given in mA and measured at VCC = 5V.
4) ICC (active mode) is measured with:
XTAL1 driven with tCLCH, tCHCL = 5ns, VIL = VSS + 0.5V, VIH = VCC - 0.5V; XTAL2 = N.C.;
EA = Port0 = RESET = VCC; all other pins are disconnected. ICC would be slightly higher if a crystal oscillator is used (appr.
1mA).
5) ICC (Idle mode) is measured with all output pins disconnected and with all peripherals disabled;
XTAL1 driven with tCLCH, tCHCL = 5ns, VIL = VSS + 0.5V, VIH = VCC - 0.5V; XTAL2 = N.C.;
RESET = EA = VSS; Port0 = VCC; all other pins are disconnected;
6) IPD (Power Down Mode) is measured under following conditions:
EA = Port0 = VCC; RESET = VSS; XTAL2 = N.C.; XTAL1 = VSS; all other pins are disconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com