Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS90C51 Datasheet(PDF) 26 Page - Hynix Semiconductor

Part # GMS90C51
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS90C51 Datasheet(HTML) 26 Page - Hynix Semiconductor

Back Button GMS90C51 Datasheet HTML 22Page - Hynix Semiconductor GMS90C51 Datasheet HTML 23Page - Hynix Semiconductor GMS90C51 Datasheet HTML 24Page - Hynix Semiconductor GMS90C51 Datasheet HTML 25Page - Hynix Semiconductor GMS90C51 Datasheet HTML 26Page - Hynix Semiconductor GMS90C51 Datasheet HTML 27Page - Hynix Semiconductor GMS90C51 Datasheet HTML 28Page - Hynix Semiconductor GMS90C51 Datasheet HTML 29Page - Hynix Semiconductor GMS90C51 Datasheet HTML 30Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 59 page
background image
GMS90 Series
22
Dec. 1998 Ver 3.0
INTERRUPT SYSTEM
The GMS90 series provides 5 (4K bytes ROM version) or 6 (above 8K bytes ROM version) interrupt sources
with two priority levels. Figure 3 gives a general overview of the interrupt sources and illustrates the request and
control flags.
Figure 3. Interrupt Request Sources
PT0
IP.1
PT1
IP.3
PT2
IP.5
PS
IP.4
PX0
IP.0
PX1
IP.2
EA
IE.7
ET0
IE.1
ET1
IE.3
ET2
IE.5
ES
IE.4
EX0
IE.0
EX1
IE.2
TF0
TCON.5
TF1
TCON.7
≥1
TF2
T2CON.7
EXF2
T2CON.6
≥1
RI
SCON.0
TI
SCON.1
IE0
TCON.1
IE1
TCON.3
IT0
TCON.0
IT1
TCON.2
P3.2/
INT0
P3.3/
INT1
EXEN2
T2CON.3
P1.1/
T2EX
Timer 2 Overflow
Timer 0 Overflow
Timer 1 Overflow
: Low level triggered
: Falling edge triggered
Low
Priority
High
Priority
UART



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com