Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS90C51 Datasheet(PDF) 54 Page - Hynix Semiconductor

Part # GMS90C51
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS90C51 Datasheet(HTML) 54 Page - Hynix Semiconductor

Back Button GMS90C51 Datasheet HTML 50Page - Hynix Semiconductor GMS90C51 Datasheet HTML 51Page - Hynix Semiconductor GMS90C51 Datasheet HTML 52Page - Hynix Semiconductor GMS90C51 Datasheet HTML 53Page - Hynix Semiconductor GMS90C51 Datasheet HTML 54Page - Hynix Semiconductor GMS90C51 Datasheet HTML 55Page - Hynix Semiconductor GMS90C51 Datasheet HTML 56Page - Hynix Semiconductor GMS90C51 Datasheet HTML 57Page - Hynix Semiconductor GMS90C51 Datasheet HTML 58Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 59 page
background image
GMS90 Series
50
Dec. 1998 Ver 3.0
Figure 13. PROG Waveform
Figure 14. Program Verification
100
µs ±10
Min. 10
µs
100
µs ±10
In the GMS97X51/52
ALE/PROG
In the GMS97X54/56/58
ALE/PROG
25 PULSES
10 PULSES
Enlarged View
P1
RST
P3.6
P3.7
XTAL2
XTAL1
VSS
VCC
P0
EA/VPP
ALE/PROG
PSEN
P2.7
P2.6
P2.0
-P2.5
A0-A7
1
1
1
4~6MHz
1
0
0
1
1
PROGRAM DATA
A8-A13
+5V
P3.4
A14
10k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com