Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS90C51 Datasheet(PDF) 33 Page - Hynix Semiconductor

Part # GMS90C51
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS90C51 Datasheet(HTML) 33 Page - Hynix Semiconductor

Back Button GMS90C51 Datasheet HTML 29Page - Hynix Semiconductor GMS90C51 Datasheet HTML 30Page - Hynix Semiconductor GMS90C51 Datasheet HTML 31Page - Hynix Semiconductor GMS90C51 Datasheet HTML 32Page - Hynix Semiconductor GMS90C51 Datasheet HTML 33Page - Hynix Semiconductor GMS90C51 Datasheet HTML 34Page - Hynix Semiconductor GMS90C51 Datasheet HTML 35Page - Hynix Semiconductor GMS90C51 Datasheet HTML 36Page - Hynix Semiconductor GMS90C51 Datasheet HTML 37Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 59 page
background image
GMS90 Series
Dec. 1998 Ver 3.0
29
DC Characteristics for GMS90L31/32, GMS90L51/52/54/56/58
VCC= 3.3V + 0.3V, -0.6V; VSS=0V; TA= 0°C to 70°C
Parameter
Symbol
Limit Values
Unit
Test Conditions
Min.
Max.
Input low voltage
VIL
-0.5
0.8
V
-
Input high voltage
VIH
2.0
VCC + 0.5
V-
Output low voltage
(ports 1, 2, 3)
VOL
-
0.45
0.30
V
IOL= 1.6mA 1)
IOL= 100µA 1)
Output low voltage
(port 0, ALE, PSEN)
VOL1
-
0.45
0.30
V
IOL= 3.2mA 1)
IOL= 200µA 1)
Output high voltage
(ports 1, 2, 3)
VOH
2.0
0.9VCC
-V
IOH= -20µA
IOH= -10µA
Output high voltage
(port 0 in external bus
mode, ALE, PSEN)
VOH1
2.0
0.9VCC
-V
IOH= -800µA 2)
IOH= -80µA 2)
Logic 0 input current
(ports 1, 2, 3)
IIL
-1
-50
µA
VIN= 0.45V
Logical 1-to-0 transition cur-
rent (ports 1, 2, 3)
ITL
-25
-250
µA
VIN= 2.0V
Input leakage current
(port 0, EA)
ILI
-
±1
µA
0.45
< VIN < VCC
Pin capacitance
CIO
-10
pF
fC= 1MHz
TA= 25°C
Power supply current:
Active mode, 16 MHz 3)
Idle mode, 16MHz 3)
Power Down Mode 3)
ICC
ICC
IPD
-
-
-
15
5
10
mA
mA
µA
VCC= 3.6V 4)
VCC= 2.6V 5)
VCC=2~ 5.5V 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com