Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS90C51 Datasheet(PDF) 29 Page - Hynix Semiconductor

Part # GMS90C51
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS90C51 Datasheet(HTML) 29 Page - Hynix Semiconductor

Back Button GMS90C51 Datasheet HTML 25Page - Hynix Semiconductor GMS90C51 Datasheet HTML 26Page - Hynix Semiconductor GMS90C51 Datasheet HTML 27Page - Hynix Semiconductor GMS90C51 Datasheet HTML 28Page - Hynix Semiconductor GMS90C51 Datasheet HTML 29Page - Hynix Semiconductor GMS90C51 Datasheet HTML 30Page - Hynix Semiconductor GMS90C51 Datasheet HTML 31Page - Hynix Semiconductor GMS90C51 Datasheet HTML 32Page - Hynix Semiconductor GMS90C51 Datasheet HTML 33Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 59 page
background image
GMS90 Series
Dec. 1998 Ver 3.0
25
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Ambient temperature under bias (TA)...................................................................................... -40 to + 85 °C
Storage temperature (TST)...................................................................................................... -65 to + 150 °C
Voltage on VCC pins with respect to ground (VSS) ................................................................. -0.5V to 6.5V
Voltage on any pin with respect to ground (VSS) ..........................................................-0.5V to VCC + 0.5V
Input current on any pin during overload condition............................................................-15mA to +15mA
Absolute sum of all input currents during overload condition...........................................................|100mA|
Power dissipation ....................................................................................................................................1.5W
Note: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage of the de-
vice. This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rat-
ing conditions for longer periods may affect device reliability. During overload conditions (VIN > VCC or VIN < VSS)
the Voltage on VCC pins with respect to ground (VSS) must not exceed the values defined by the absolute maxi-
mum ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com