Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS90C51 Datasheet(PDF) 53 Page - Hynix Semiconductor

Part # GMS90C51
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS90C51 Datasheet(HTML) 53 Page - Hynix Semiconductor

Back Button GMS90C51 Datasheet HTML 49Page - Hynix Semiconductor GMS90C51 Datasheet HTML 50Page - Hynix Semiconductor GMS90C51 Datasheet HTML 51Page - Hynix Semiconductor GMS90C51 Datasheet HTML 52Page - Hynix Semiconductor GMS90C51 Datasheet HTML 53Page - Hynix Semiconductor GMS90C51 Datasheet HTML 54Page - Hynix Semiconductor GMS90C51 Datasheet HTML 55Page - Hynix Semiconductor GMS90C51 Datasheet HTML 56Page - Hynix Semiconductor GMS90C51 Datasheet HTML 57Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 59 page
background image
GMS90 Series
Dec. 1998 Ver 3.0
49
Program Memory Lock Bits
The two-level Program Lock system consists of 2
Lock bits and a 32-byte (64-byte for GMS97X54/
56/58) Encryption Array which are used to protect
the program memory against software piracy.
Encryption Array:
Within the EPROM array are 32 bytes (64 bytes
for GMS97X54/56/58) of Encryption Array that
are initially unprogrammed (all 1s). Every time
that a byte is addressed during a verify, address
lines are used to select a byte of the Encryption array. This byte is then exclusive-NORed (XNOR) with the code
byte, creating an Encrypted Verify byte.
The algorithm, with the array in the unprogrammed state (all 1s), will return the code in its original, unmodified
form, It is recommended that whenever the Encryption Array is used, at least one of the Lock Bits be pro-
grammed as well.
Program / Verify algorithms
Any algorithm in agreement with the conditions listed in Table 11, and which satisfies the timing specifications
is suitable.
Notes:
1. “0” = Valid low for that pin, "1" = valid high for that pin.
2. VPP = 12.75V ± 0.25V
3. VCC = 5V ± 10% during programming and verification.
4. ALE/PROG receives 25 (10 for GMS97X54/56/58) programming pulses while VPP is held at 12.75V.
Each programming pulse is low for 100us (
± 10us) and high for a minimum of 10µs.
Table 11. EPROM programming modes
MODE
RST
PSEN
ALE/
PROG
EA/
VPP
P2.7
P2.6
P3.7
P3.6
Read Signature
10110
000
Program Code Data
100
VPP
1
011
Verify Code Data
10110
011
Program encryption table
100
VPP
1
010
Program security bit 1
100
VPP
1
111
Program security bit 2
100
VPP
1
100
Lock Bit Protection Modes
U: unprogrammed, P: programmed
Mode
LB1
LB2
Protection Type
1
U
U
No program lock features
2
P
U
Further programming of the
EPROM is disabled
3
P
P
Same as mode 2, also verify is
disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com