Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS90C51 Datasheet(PDF) 14 Page - Hynix Semiconductor

Part # GMS90C51
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS90C51 Datasheet(HTML) 14 Page - Hynix Semiconductor

Back Button GMS90C51 Datasheet HTML 10Page - Hynix Semiconductor GMS90C51 Datasheet HTML 11Page - Hynix Semiconductor GMS90C51 Datasheet HTML 12Page - Hynix Semiconductor GMS90C51 Datasheet HTML 13Page - Hynix Semiconductor GMS90C51 Datasheet HTML 14Page - Hynix Semiconductor GMS90C51 Datasheet HTML 15Page - Hynix Semiconductor GMS90C51 Datasheet HTML 16Page - Hynix Semiconductor GMS90C51 Datasheet HTML 17Page - Hynix Semiconductor GMS90C51 Datasheet HTML 18Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 59 page
background image
GMS90 Series
10
Dec. 1998 Ver 3.0
ALE /
PROG
33
30
27
O
The Address Latch Enable / Program pulse
Output pulse for latching the low byte of the address
during an access to external memory. In normal
operation, ALE is emitted at a constant rate of 1/6 the
oscillator frequency, and can be used for external
timing or clocking. Note that one ALE pulse is skipped
during each access to external data memory. This pin
is also the program pulse input (PROG) during
EPROM programming.
In GMS9XC54/56/58:
If desired, ALE operation can be disabled by setting
bit 0 of SFR location 8EH. With this bit set, the pin is
weakly pulled high. The ALE disable feature will be
terminated by reset. Setting the ALE-disable bit has
no affect if the microcontroller is in external execution
mode.
EA / VPP
35
31
29
I
External Access Enable / Program Supply Voltage
EA must be external held low to enable the device to
fetch code from external program memory locations
0000H to FFFFH. If EA is held high, the device
executes from internal program memory unless the
program counter contains an address greater than its
internal memory size. This pin also receives the
12.75V programming supply voltage (VPP) during
EPROM programming.
Note;
however, that if any of the Lock bits are
programmed,
EA
will
be
internally
latched on reset.
P0.0-P0.7
36-43
32-39
30-37
I/O
Port 0
Port 0 is an 8-bit open-drain bidirectional I/O port.
Port 0 pins that have 1s written to them float and can
be used as high-impedance inputs.
Port 0 is also the multiplexed low-order address and
data bus during accesses to external program and
data memory. In this application it uses strong internal
pull-ups when emitting 1s. Port 0 also outputs the
code
bytes
during
program
verification
in
the
GMS97X5X. External pull-up resistors are required
during program verification.
VSS
22
20
16
-
Circuit ground potential
VCC
44
40
38
-
Supply terminal for all operating modes
N.C.
1,12
23,34
-6,17
28,39
-
No connection
Symbol
Pin Number
Input/
Output
Function
PLCC-
44
PDIP-
40
MQFP-
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com