Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1892Y Datasheet(PDF) 14 Page - Integrated Circuit Systems

Part # ICS1892Y
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892Y Datasheet(HTML) 14 Page - Integrated Circuit Systems

Back Button ICS1892Y Datasheet HTML 10Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 11Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 12Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 13Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 14Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 15Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 16Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 17Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 18Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 148 page
background image
ICS1892, Rev. D, 2/26/01
February 26, 2001
14
Chapter 3
ICS1892 Enhanced Features
ICS1892 Data Sheet
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
Note:
1.
There are new registers and bits. For example:
a. Registers 7 and 8 are new (that is, the ICS 1890 does not have these registers).
b. Registers 20 through 31 are new ICS test registers.
2.
For some bits (such as the model number and revision number bits), the default values are changed.
Table 3-1.
Summary of Differences between ICS 1890 and ICS1892 Registers
Register.
Bit(s)
ICS 1890
ICS1892
Function
Default
Function
Default
1.6
Reserved
0b (always)
Management Frame Preamble
Suppression
0b
3.9:4
Model Number
000010b
Model Number
000011b
3:0
Revision Number
0011b
Revision Number
0000b
6.2
Next Page Able
0b (always)
Next Page Able
1b
7.15:0
Not applicable (N/A)
N/A
Auto-Negotiate Next Page
Transmit Register
2001h
8.15:0
N/A
N/A
Auto-Negotiate Next Page
Link Partner Ability
0000h
9.15:0
through
15.15:0
IEEE reserved.
0000h
IEEE reserved.
Note: Although the default value is
changed, this response more
accurately reflects an MDIO
access to registers 9–15.
FFFFh
18.15
Reserved
0b
Remote Jabber
0b
19.1
Reserved
0b
Automatic 10Base-T Power Down
1b
20.15:0
through
31.15:0
N/A
N/A
ICS test registers.
(There is no claim of backward
compatibility for these registers.)
See specific
registers and
bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com