Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1892Y Datasheet(PDF) 96 Page - Integrated Circuit Systems

Part # ICS1892Y
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892Y Datasheet(HTML) 96 Page - Integrated Circuit Systems

Back Button ICS1892Y Datasheet HTML 92Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 93Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 94Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 95Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 96Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 97Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 98Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 99Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 100Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 148 page
background image
ICS1892, Rev. D, 2/26/01
February 26, 2001
96
Chapter 8
Management Register Set
ICS1892 Data Sheet
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
8.13.2
Polarity Reversed (bit 18.14)
The Polarity Reversed bit is used to inform an STA whether the ICS1892 has detected that the signals on
the Twisted-Pair Receive Pins (TP_RXP and TP_RXN) are reversed. When the signal polarity is:
• Correct, the ICS1892 sets bit 18.14 to a logic zero.
• Reversed, the ICS1892 sets bit 18.14 to logic one.
Note:
The ICS1892 can detect this situation and perform all its operations normally, independent of the
reversal.
8.13.3
ICS Reserved (bits 18.13:6)
See Section 8.13.1, “ICS Reserved (bit 18.15)”, the text for which also applies here.
8.13.4
Jabber Inhibit (bit 18.5)
The Jabber Inhibit bit allows an STA to disable Jabber Detection. When an STA sets this bit to:
• Zero, the ICS1892 enables 10Base-T Jabber checking.
• One, the ICS1892 disables its check for a Jabber condition during data transmission.
8.13.5
ICS Reserved (bit 18.4)
See Section 8.13.1, “ICS Reserved (bit 18.15)”, the text for which also applies here.
8.13.6
Auto Polarity Inhibit (bit 18.3)
The Auto Polarity Inhibit bit allows an STA to prevent the automatic correction of a polarity reversal on the
Twisted-Pair Receive pins (TP_RXP and TP_RXN). If an STA sets this bit to logic:
• Zero (the default), the ICS1892 automatically corrects a polarity reversal on the Twisted-Pair Receive
pins.
• One, the ICS1892 either disables or inhibits the automatic correction of reversed Twisted-Pair Receive
pins.
Note:
This bit is also used to correct a reversed signal polarity for 100Base-TX operations.
8.13.7
SQE Test Inhibit (bit 18.2)
The SQE Test Inhibit bit allows an STA to prevent the generation of the Signal Quality Error pulse. When an
STA sets this bit to logic:
• Zero, the ICS1892 enables its SQE Test generation.
• One, the ICS1892 disables its SQE Test generation.
The SQE Test provides the ability to verify that the Collision Logic is active and functional. A 10Base-T SQE
test is performed by pulsing the Collision signal for a short time after each packet transmission completes,
that is, after TXEN goes inactive.
Note:
1.
The SQE Test is automatically inhibited in full-duplex and repeater modes, thereby disabling the
functionality of this bit.
2.
This bit is a control bit and not a status bit. Therefore, it is not updated to indicate this automatic
inhibiting of the SQE test in full-duplex mode or repeater mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com