Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1892Y Datasheet(PDF) 55 Page - Integrated Circuit Systems

Part # ICS1892Y
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892Y Datasheet(HTML) 55 Page - Integrated Circuit Systems

Back Button ICS1892Y Datasheet HTML 51Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 52Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 53Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 54Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 55Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 56Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 57Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 58Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 59Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 148 page
background image
Chapter 7
Functional Blocks
ICS1892, Rev. D, 2/26/01
February 26, 2001
55
ICS1892
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
7.6
Functional Block: Management Interface
As part of the MII, the ISO/IEC 8802-3 standard specifies a two-wire serial management interface and
protocol. This interface is used to exchange control, status, and configuration information between the
Station Management entity (STA) and the physical layer device (PHY). For using this management
interface, the ISO/IEC standard specifies the following:
• A set of registers (Section 7.6.1, “Management Register Set Summary”)
• The frame structure (Section 7.6.2, “Management Frame Structure”)
• The protocol
The ICS1892 implementation of the management interface complies fully with the ISO/IEC standard. It
provides a bi-directional data pin (MDIO) along with a clock (MDC) for synchronizing the data transfers.
These pins remain active in all MAC/Repeater Interface modes (that is, the 10/100 MII, 100M Symbol, 10M
Serial, and Link Pulse interface modes).
7.6.1
Management Register Set Summary
The ICS1892 implements a Management Register set that adheres to the ISO/IEC standard. This register
set (discussed in detail in Chapter 8, “Management Register Set”) includes the mandatory ‘Basic’ Control
and Status registers as well as the ICS-specific Extended registers.
7.6.2
Management Frame Structure
The Management Interface is a bi-directional serial interface to exchange configuration, control, and status
data between a PHY such as the ICS1892 and the STA. The PHY and STA exchange data by using the
defined register set. The STA initiates all transactions.
The ISO/IEC specification defines a Management Frame Structure for the serial data stream. The ICS1892
complies with the defined frame structure and protocol. Table 7-2 summarizes the Management Frame
Structure.
Note:
The Management Frame Structure starts from and returns to an IDLE condition. However, the
IDLE periods are not part of the Management Frame Structure.
Table 7-2.
Management Frame Structure Summary
Frame Field
Data
Comment
Acronym
Frame Function
PRE
Preamble (Bit 1.6)
11..11
32 ones
SFD
Start of Frame
01
2 bits
OP
Operation Code
10/01 (read/write)
2 bits
PHYAD
PHY Address (Bits 16.10:6)
AAAAA
5 bits
REGAD
Register Address
RRRRR
5 bits
TA
Turnaround
Z0/10 (read/write)
2 bits
DATA
Data
DDD..DD
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com