Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1892Y Datasheet(PDF) 65 Page - Integrated Circuit Systems

Part # ICS1892Y
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892Y Datasheet(HTML) 65 Page - Integrated Circuit Systems

Back Button ICS1892Y Datasheet HTML 61Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 62Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 63Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 64Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 65Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 66Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 67Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 68Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 69Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 148 page
background image
Chapter 8
Management Register Set
ICS1892, Rev. D, 2/26/01
February 26, 2001
65
ICS1892
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
8.2.8
Duplex Mode (bit 0.8)
This bit provides a means of controlling the ICS1892 Duplex Mode. Its operation depends on several other
functions, including the HW/SW input pin and the Auto-Negotiation Enable bit (bit 0.12). When the ICS1892
is configured for:
• Hardware mode (that is, the HW/SW pin is logic zero), the ICS1892 isolates bit 0.8 and uses the
DPXSEL input pin to establish the Duplex mode for the ICS1892. In this Hardware mode:
– Bit 0.8 is undefined.
– The ICS1892 provides a Duplex Mode Status bit (in the QuickPoll Detailed Status Register, bit
17.14), which always shows the setting of an active link.
• Software mode (that is, the HW/SW pin is logic one), the function of bit 0.8 depends on the
Auto-Negotiation Enable bit, 0.12. When the auto-negotiation process is:
– Enabled, the ICS1892 isolates bit 0.8 and relies upon the results of the auto-negotiation process to
establish the duplex mode.
– Disabled, bit 0.8 determines the Duplex mode. Setting bit 0.8 to logic:
• Zero selects half-duplex operations.
• One selects full-duplex operations. (When the ICS1892 is operating in Loopback mode, it isolates
bit 0.8, which has no effect on the operation of the ICS1892.)
8.2.9
Collision Test (bit 0.7)
This bit controls the ICS1892 Collision Test function. When an STA sets bit 0.7 to logic:
• Zero, the ICS1892 disables the collision detection circuitry for the Collision Test function. In this case, the
COL signal does not track the TXEN signal. (The default value for this bit is logic zero, that is, disabled.)
• One, as per the ISO/IEE 8802-3 standard, clause 22.2.4.1.9, the ICS1892 enables the collision detection
circuitry for the Collision Test function, even if the ICS1892 is in Loopback mode (that is, bit 0.14 is set to
1). In this case, the Collision Test function tracks the Collision Detect signal (COL) in response to the
TXEN signal. The ICS1892 asserts the Collision signal (COL) within 512 bit times of receiving an
asserted TXEN signal, and it de-asserts COL within 4 bit times of the de-assertion of the TXEN signal.
8.2.10
IEEE Reserved Bits (bits 0.6:0)
The IEEE reserves these bits for future use. When an STA:
• Reads a reserved bit, the ICS1892 returns a logic zero.
• Writes to a reserved bit, it must use the default value specified in this data sheet.
The ICS1892 uses some of these reserved bits to invoke auxiliary functions. To ensure proper operation of
the ICS1892, an STA must maintain the default value of these bits. Therefore, ICS recommends that during
any STA write operation, an STA write the default value to all reserved bits, even those bits that are Read
Only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com