Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1892Y Datasheet(PDF) 25 Page - Integrated Circuit Systems

Part # ICS1892Y
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892Y Datasheet(HTML) 25 Page - Integrated Circuit Systems

Back Button ICS1892Y Datasheet HTML 21Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 22Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 23Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 24Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 25Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 26Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 27Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 28Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 29Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 148 page
background image
Chapter 6
Interface Overviews
ICS1892, Rev. D, 2/26/01
February 26, 2001
25
ICS1892
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
6.2
100M Symbol Interface
The 100M Symbol Interface has a primary objective of supporting 100Base-TX repeater applications for
which the repeater requires only recovered parallel data and for which the repeater provides all the
necessary framing and control functions.
When the Mac/Repeater Interface is configured for 100M Symbol operations, the ICS1892 and the
MAC/repeater exchange unframed 5-bit, parallel symbols at a 25-MHz clock rate.
The ICS1892 configuration functions determine the operation of the MAC/Repeater Interface. The
configuration functions are controlled by either input pins (in which case, the HW/SW pin is logic zero to
select the hardware mode) or Management Register bits (in which case, the HW/SW pin is logic one to
select the software mode).
• In hardware mode, the ICS1892 enables the 100M Symbol Interface when both of the following are true:
– The MII/SI input pin is logic one (that is, the selection is for the Symbol Interface).
– The 10/100SEL input pin is logic one (that is, the selection is for 100M operations).
• In software mode, the ICS1892 enables the 100M Symbol Interface when both the following are true:
– The MII/SI input pin is logic one (that is, the selection is for the Symbol Interface).
– The Control Register Data Rate bit (bit 0.13) is set to logic one (that is, the selection is for selecting
100M operations)
Note:
In software mode, the 10/100SEL pin becomes an output that indicates the state of bit 0.13.
The 100M Symbol Interface bypasses the ICS1892 PCS and provides a direct unscrambled, unframed,
5-bit interface between the MAC/repeater and the PMA sublayer. A benefit of bypassing the PCS is a
reduction in the latency through the ICS1892. That is, when the ICS1892 MAC/Repeater Interface is
configured as a 100M Symbol Interface, the bit delays through the ICS1892 are smaller than the standard
MII Data Interface can allow. The ICS1892 provides this 100M Symbol Interface primarily for Repeater
applications, for which latency is a critical performance parameter.
In addition to the exchange of symbol data, the ICS1892 provides ISO/IEC-compliant control signals (such
as CRS) to the MAC/repeater. The ICS1892 CRS signal provides a fast look-ahead, which can benefit a
repeater application.
In the 100M Symbol Interface mode, the ICS1892 continues to assert the CRS signal using its PCS logic.
This action does not affect the bit delay or latency because the PCS CRS logic examines the bits received
from the PMA sublayer serially. In fact, because the PCS CRS does not wait for a nibble or symbol to be
constructed, the PCS CRS is available in advance of the symbol generation. Therefore, by employing the
PCS CRS generation logic, the ICS1892 can provide an ‘early’ indication of a Carrier Detect to the
MAC/repeater.
The 100M Symbol Interface consists of the following fourteen signals: STCLK, STD[4:0], SRCLK,
SRD[4:0], SCRS, and SD. (When the ICS1892 MAC/Repeater Interface is configured for 100M Symbol
operations, its default MII pin names and their associated functions are redefined. For more information,
see Section 9.2.4.2, “MAC/Repeater Interface Pins for 100M Symbol Interface”.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com