Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1892Y Datasheet(PDF) 87 Page - Integrated Circuit Systems

Part # ICS1892Y
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892Y Datasheet(HTML) 87 Page - Integrated Circuit Systems

Back Button ICS1892Y Datasheet HTML 83Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 84Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 85Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 86Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 87Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 88Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 89Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 90Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 91Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 148 page
background image
Chapter 8
Management Register Set
ICS1892, Rev. D, 2/26/01
February 26, 2001
87
ICS1892
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
8.11.1
Command Override Write Enable (bit 16.15)
The Command Override Write Enable bit provides an STA the ability to alter the Command Override Write
(CW) bits located throughout the MII Register set. A two-step process is required to alter the value of a CW
bit:
1.
Step one is to issue a Command Override, that is, bit 16.15 is set to logic one.
2.
Step two immediately follows, which is a write to the CW bit that you wish to change. (The Command
Override Write Enable bit is a Self-Clearing bit that is automatically reset to logic zero after the next MII
write, thereby allowing only one subsequent write to alter a CW bit.)
8.11.2
ICS Reserved (bits 16.14:11)
ICS is reserving these bits for future use. Functionally, these bits are equivalent to IEEE Reserved bits.
When one of these reserved bits is:
• Read by an STA, the ICS1892 returns a logic zero.
• Written to by an STA, the STA must use the default value specified in this data sheet.
ICS uses some of these reserved bits to invoke auxiliary functions. To ensure proper operation of the
ICS1892, an STA must maintain the default value of these bits. Therefore, ICS recommends that an STA
always write the default value of any reserved bits during all management register write operations.
8.11.3
PHY Address (bits 16.10:6)
These five bits hold the Serial Management Port Address of the ICS1892. During either a hardware reset
or a power-on reset, the PHY address is read from the LED interface. (For information on the LED
interface, see Section 6.9, “Status Interface” and Section 9.2.2, “Multi-Function (Multiplexed) Pins: PHY
Address and LED Pins”). The PHY address is then latched into this register. (The value of each of the PHY
Address bits is unaffected by a software reset.)
8.11.4
Stream Cipher Scrambler Test Mode (bit 16.5)
The Stream Cipher Scrambler Test Mode bit is used to force the ICS1892 to lose LOCK, thereby requiring
the Stream Cipher Scrambler to resynchronize.
8.11.5
ICS Reserved (bit 16.4)
See Section 8.11.2, “ICS Reserved (bits 16.14:11)”, the text for which also applies here.
8.11.6
NRZ/NRZI Encoding (bit 16.3)
This bit allows an STA to control whether NRZ (Not Return to Zero) or NRZI (Not Return to Zero, Invert on
One) encoding is applied to the serial transmit data stream in 100Base-TX mode. When this bit is logic:
• Zero, the ICS1892 encodes the serial transmit data stream using NRZ encoding.
• One, the ICS1892 encodes the serial transmit data stream using NRZI encoding.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com