Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1892Y Datasheet(PDF) 95 Page - Integrated Circuit Systems

Part # ICS1892Y
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892Y Datasheet(HTML) 95 Page - Integrated Circuit Systems

Back Button ICS1892Y Datasheet HTML 91Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 92Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 93Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 94Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 95Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 96Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 97Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 98Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 99Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 148 page
background image
Chapter 8
Management Register Set
ICS1892, Rev. D, 2/26/01
February 26, 2001
95
ICS1892
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
8.13
Register 18: 10Base-T Operations Register
The 10Base-T Operations Register provides an STA with the ability to monitor and control the ICS1892
activity while the ICS1892 is operating in 10Base-T mode.
Note:
1.
For an explanation of acronyms used in Table 8-20, see Chapter 1, “Abbreviations and Acronyms”.
2.
During any write operation to any bit in this register, the STA must write the default value to all
Reserved bits.
8.13.1
ICS Reserved (bit 18.15)
ICS reserves this bit for future use. Functionally, this bit is equivalent to an IEEE Reserved bit. When this
reserved bits is:
• Read by an STA, the ICS1892 returns a logic zero.
• Written to by an STA, the STA must use the default value specified in this data sheet.
In general, ICS uses some reserved bits to invoke auxiliary functions. To ensure proper operation of the
ICS1892, an STA must maintain the default value of these bits. Therefore, ICS recommends that an STA
always write the default value of any reserved bits during all management register write operations.
Table 8-20.
10Base-T Operations Register (register 18 [0x12])
Bit
Definition
When Bit = 0
When Bit = 1
Ac-
cess
SF
De-
fault
Hex
18.15
ICS reserved
Read unspecified
Read unspecified
RW/0
SC
0
–
18.14
Polarity reversed
Normal polarity
Polarity reversed
RO
LH
0
18.13
ICS reserved
Read unspecified
Read unspecified
RW/0
–
–
18.12
ICS reserved
Read unspecified
Read unspecified
RW/0
–
–
18.11
ICS reserved
Read unspecified
Read unspecified
RW/0
–
–
–
18.10
ICS reserved
Read unspecified
Read unspecified
RW/0
–
–
18.9
ICS reserved
Read unspecified
Read unspecified
RW/0
–
–
18.8
ICS reserved
Read unspecified
Read unspecified
RW/0
–
–
18.7
ICS reserved
Read unspecified
Read unspecified
RW/0
–
–
–
18.6
ICS reserved
Read unspecified
Read unspecified
RW/0
–
–
18.5
Jabber inhibit
Normal Jabber behavior
Jabber Check disabled
RW
–
0
18.4
ICS reserved
Read unspecified
Read unspecified
RW/1
–
1
18.3
Auto polarity inhibit
Polarity automatically
corrected
Polarity not automatically
corrected
RW
–
0
0
18.2
SQE test inhibit
Normal SQE test behavior
SQE test disabled
RW
–
0
18.1
Link Loss inhibit
Normal Link Loss behavior Link Always = Link Pass
RW
–
0
18.0
Squelch inhibit
Normal squelch behavior
No squelch
RW
–
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com