Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1892Y Datasheet(PDF) 47 Page - Integrated Circuit Systems

Part # ICS1892Y
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892Y Datasheet(HTML) 47 Page - Integrated Circuit Systems

Back Button ICS1892Y Datasheet HTML 43Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 44Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 45Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 46Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 47Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 48Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 49Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 50Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 51Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 148 page
background image
Chapter 7
Functional Blocks
ICS1892, Rev. D, 2/26/01
February 26, 2001
47
ICS1892
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
7.4.4
100Base-TX Operation: Adaptive Equalizer
The ICS1892 TP-PMD sublayer employs adaptive equalization circuitry to compensate for signal amplitude
and phase distortion incurred from the transmission medium. At a data rate of 100 Mbps, the transmission
medium (that is, the cable) introduces significant signal distortion because of high-frequency attenuation
and phase shift. The high-frequency loss occurs primarily because of the cable skin effect that causes the
conductor resistance to rise as the square of the frequency rises.
In shielded twisted-pair (STP) and unshielded twisted-pair (UTP) category 5 cables with maximum lengths
of 130 meters, the ICS1892 adaptive equalizer accurately compensates for these losses.
For a UTP Category 5 cable that is 100 meters long (the maximum length as per the EIA/TIA-568-A
standard), there are three distinct levels to resolve to recover the MLT-3 encoded data. As a result, the
pulse shape of the received signal is critical.
The ICS1892 employs a DSP-based adaptive equalization technique to compensate for a wide range of
cable lengths. The optimizing parameter for the equalizer adaptation process is the overall ICS1892 bit
error rate, which provides the ICS1892 with a very high overall reliability.
7.4.5
100Base-TX Operation: Twisted-Pair Transmitter
For both 10Base-T and 100Base-TX operations, the ICS1892 uses the same Twisted-Pair Transmit pins
(TP_TXP and TP_TXN) as well as the same internal functional module. The twisted-pair transmitter
module is a current-driven, differential driver that can supply either of the following:
• A two-level 10Base-T (that is, Manchester-encoded) signal
• A three-level 100Base-TX (that is, MLT-3 encoded) signal
The ICS1892 interfaces with the medium through an isolation transformer (also called a magnetic module).
The ICS1892 transmitter uses wave-shaping techniques to control the output signal rise and fall times
(thereby eliminating the need for expensive external filters) and interfaces directly to the isolation
transformer.
Note:
1.
In reference to the ICS1892, the term ‘Twisted-Pair Transmitter’ refers to the set of Twisted-Pair
Transmit output pins (TP_TXP and TP_TXN).
2.
For information on the 10Base-T Twisted-Pair Transmitter, see Section 7.5.11, “10Base-T Operation:
Twisted-Pair Transmitter”.
7.4.6
100Base-TX Operation: Twisted-Pair Receiver
Twisted-Pair Receiver operations are similar to Twister-Pair Transmitter operations, in that for both
10Base-T and 100Base-TX operations, the ICS1892 uses the same Twister-Pair Receive pins (TP_RXP
and TP_RXN).
However, unlike the transmitter operations (which use the same internal functional module), the ICS1892
employs separate internal twisted-pair receiver modules to process the incoming data: one for 10Base-T
operations and one for 100Base-TX operations. The internal twisted-pair receiver modules interface with
the medium through an isolation transformer. The 100Base-TX receiver module accepts and processes a
differential three-level 100Base-TX (that is, MLT-3 encoded) signal from the isolation transformer.
Note:
1.
In reference to the ICS1892, the term ‘Twisted-Pair Receiver’ refers to the set of Twisted-Pair Receive
output pins (TP_RXP and TP_RXN).
2.
For information on the 10Base-T Twisted-Pair Receiver, see Section 7.5.12, “10Base-T Operation:
Twisted-Pair Receiver”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com