Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1892Y Datasheet(PDF) 22 Page - Integrated Circuit Systems

Part # ICS1892Y
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892Y Datasheet(HTML) 22 Page - Integrated Circuit Systems

Back Button ICS1892Y Datasheet HTML 18Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 19Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 20Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 21Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 22Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 23Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 24Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 25Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 26Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 148 page
background image
ICS1892, Rev. D, 2/26/01
February 26, 2001
22
Chapter 5
Operating Modes Overview
ICS1892 Data Sheet
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
5.5
100Base-TX Operations
The ICS1892 100Base-TX mode is a primary operating mode that provides 100Base-TX physical layer
(PHY) services as defined in the ISO/IEC 8802-3 standard. In the 100Base-TX mode, the ICS1892 is a
100M translator between a MAC/repeater and the physical transmission medium. As such, the ICS1892
has two interfaces, both of which are fully configurable: one to the MAC/repeater and one to the Link
Segment. In 100Base-TX mode, the ICS1892 provides the following functions:
• Data conversion from both parallel-to-serial and serial-to-parallel formats
• Data encoding/decoding (4B/5B, NRZ/NRZI, and MLT-3)
• Data scrambling/descrambling
• Data transmission/reception over a twisted-pair medium
To accurately transmit and receive data, the ICS1892 employs DSP-based wave shaping, adaptive
equalization, and baseline wander correction. In addition, in 100Base-TX mode, the ICS1892 provides a
variety of control and status means to assist with Link Segment management. For more information on
100Base-TX, see Section 7.4, “Functional Block: 100Base-TX TP-PMD Operations”.
5.6
10Base-T Operations
The ICS1892 10Base-T mode is another primary operating mode that provides 10Base-T physical layer
(PHY) services as defined in the ISO/IEC 8802-3 standard. In the 10Base-T mode, the ICS1892 is a 10M
translator between a MAC/repeater and the physical transmission medium. As such, the ICS1892 has two
interfaces, both of which are fully configurable: one to the MAC/repeater and one to the Link Segment. In
10Base-T mode, the ICS1892 provides the following functions:
• Data conversion from both parallel-to-serial and serial-to-parallel formats
• Manchester data encoding/decoding
• Data transmission/reception over a twisted-pair medium
In addition, in 10Base-T mode, the ICS1892 provides a variety of control and status means to assist with
Link Segment management. For more information on 10Base-T, see Section 7.5, “Functional Block:
10Base-T Operations”.
5.7
Half-Duplex and Full-Duplex Operations
The ICS1892 supports half-duplex and full-duplex operations for both 10Base-T and 100Base-TX
applications. Full-duplex operation allows simultaneous transmission and reception of data, which
effectively doubles the Link Segment throughput to either 20 Mbps (for 10Base-T operations) or 200 Mbps
(for 100Base-TX operations).
As per the ISO/IEC standard, full-duplex operations differ slightly from half-duplex operations. These
differences are necessary, as during full-duplex operations a PHY actively uses both its transmit and
receive data paths simultaneously.
• In 10Base-T full-duplex operations, the ICS1892 disables its loopback function (that is, it does not
automatically loop back data from its transmitter to its receiver and disable its SQE Test function).
• In both 10Base-T and 100Base-TX full-duplex operations, the ICS1892 asserts its CRS signal only in
response to receive activity while its COL signal always remains inactive.
For more information on half-duplex and full-duplex operations, see the following sections:
• Section 8.2, “Register 0: Control Register”
• Section 8.2.8, “Duplex Mode (bit 0.8)”
• Section 8.3, “Register 1: Status Register”
• Section 8.6, “Register 4: Auto-Negotiation Register”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com