Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1892Y Datasheet(PDF) 46 Page - Integrated Circuit Systems

Part # ICS1892Y
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892Y Datasheet(HTML) 46 Page - Integrated Circuit Systems

Back Button ICS1892Y Datasheet HTML 42Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 43Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 44Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 45Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 46Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 47Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 48Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 49Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 50Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 148 page
background image
ICS1892, Rev. D, 2/26/01
February 26, 2001
46
Chapter 7
Functional Blocks
ICS1892 Data Sheet
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
7.4
Functional Block: 100Base-TX TP-PMD Operations
The ICS1892 supports both 10Base-T and 100Base-TX operations. The ICS1892 TP-PMD modules
perform 100Base-TX Twisted-Pair Physical Media Dependent (TP-PMD) stream cipher
scrambling/descrambling and MLT-3 encoding/decoding (3-level, multi-level transition) in compliance with
the ANSI Standard X3.263: 199X FDDI TP-PMD as called out in the ISO/IEC 8802-3 standard. The
ICS1892 TP-PMD also performs DC restoration and adaptive equalization on the received signals.
Note:
1.
For an overview of the 100Base-TX, see Section 5.5, “100Base-TX Operations”.
2.
For more information on the Twisted-Pair Interface, see Section 6.6, “Twisted-Pair Interface”.
7.4.1
100Base-TX Operation: Stream Cipher Scrambler/Descrambler
When the ICS1892 is operating in 100Base-TX mode, it employs a stream cipher scrambler/descrambler
that complies with the ANSI Standard X3.263: 199X FDDI TP-PMD. The purpose of the stream cipher
scrambler is to spread the transmission spectrum to minimize electromagnetic compatibility problems. The
stream cipher descrambler restores the received serial bit stream to its unscrambled form.
The MAC/Repeater Interface bypasses the stream cipher scrambler/descrambler when in the 100M
Symbol Interface mode.
7.4.2
100Base-TX Operation: MLT-3 Encoder/Decoder
When operating in the 100Base-TX mode, the ICS1892 TP-PMD sublayer employs an MLT-3 encoder and
decoder. During data transmission, the TP-PMD encoder converts the NRZI bit stream received from the
PMA sublayer to a 3-level Multi-Level Transition code. The three levels are +1, 0, and -1. The results of
MLT-3 encoding provide a reduction in the transmitted energy over the critical frequency range from 20
MHz to 100 MHz. The TP-PMD MLT-3 decoder converts the received three-level signal back to an NRZI bit
stream.
7.4.3
100Base-TX Operation: DC Restoration
100Base-TX operations employ a stream cipher scrambler to minimize peak amplitudes in the frequency
spectrum. However, the nature of the stream cipher and MLT-3 encoding is such that long sequences of
consecutive zeros or ones can exist. These unbalanced data patterns produce an undesirable DC
component in the data stream.
Baseline wander adversely affects the noise immunity of the receiver, because the ‘baseline’ signal moves
or ‘wanders’ from its nominal DC value.
The ICS1892 employs a unique technique to restore the DC component ‘lost’ by the medium. As a result,
the design is very robust and immune to noise, independent of the data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com