Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1892Y Datasheet(PDF) 105 Page - Integrated Circuit Systems

Part # ICS1892Y
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892Y Datasheet(HTML) 105 Page - Integrated Circuit Systems

Back Button ICS1892Y Datasheet HTML 101Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 102Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 103Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 104Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 105Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 106Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 107Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 108Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 109Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 148 page
background image
Chapter 9
Pin Diagram, Listings, and Descriptions
ICS1892, Rev. D, 2/26/01
February 26, 2001
105
ICS1892
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
9.2.2
Multi-Function (Multiplexed) Pins: PHY Address and LED Pins
Table 9-4 lists the pins for the multifunction group of pins (that is, the multiplexed PHY Address / LED pins).
Note:
1.
During either a power-on reset or a hardware reset, each multi-function configuration pin is an input
that is sampled when the ICS1892 exists the reset state. After sampling is complete, these pins are
output pins that can drive status LEDs.
2.
A software reset does not affect the state of a multi-function configuration pin. During a software reset,
all multi-function configuration pins are outputs.
3.
Each multi-function configuration pin must be pulled either up or down with a resistor to establish the
address of the ICS1892. LEDs placed in series with these resistors provide a designated status
indicator.
Caution:
All pins listed inTable 9.4 must not float.
4.
As outputs, the asserted state of a multi-function configuration pin is the inverse of the sense sampled
during reset. This inversion provides a signal that can illuminate an LED during an asserted state. For
example, if a multi-function configuration pin is pulled down to ground through an LED and a
current-limiting resistor, then the sampled sense of the input is low. To illuminate an LED for the
asserted state requires the output to be high.
Caution:
PHY Address 00 will tri-state the MII interface.
Note:
Each of these pins monitor the data link by providing signals that directly drive LEDs.
Table 9-4.
PHY Address and LED Pins
Pin
Name
Pin
Number
Pin
Type
Pin Description
P0AC,
P1CL,
P2LI,
P3TD,
P4RD
58,
59,
60,
61,
62
Input or
Output
PHY (Address Bit) 0 / Activity LED.
PHY (Address Bit) 1 / Collision LED.
PHY (Address Bit) 2 / Link Integrity LED.
PHY (Address Bit) 3 / Transmit Data LED.
PHY (Address Bit) 4 / Receive Data LED.
The ‘Pin Type’ for these multiplexed pins depends on the where the
ICS1892 is in its reset cycle.
• During a reset of the ICS1892, these pins act as inputs.
• After a reset of the ICS1892, these pins latch the state of the inputs into
their respective PHY Address bits. (See Table 8-16.) The ICS1892 then
converts the pin signal to an output that can drive the respective LED
directly.
For more information, see Section 6.9, “Status Interface”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com