Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5553 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5553
Description  Current Output/Serial Input, 16-/14-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5553 Datasheet(HTML) 4 Page - Analog Devices

  AD5553_15 Datasheet HTML 1Page - Analog Devices AD5553_15 Datasheet HTML 2Page - Analog Devices AD5553_15 Datasheet HTML 3Page - Analog Devices AD5553_15 Datasheet HTML 4Page - Analog Devices AD5553_15 Datasheet HTML 5Page - Analog Devices AD5553_15 Datasheet HTML 6Page - Analog Devices AD5553_15 Datasheet HTML 7Page - Analog Devices AD5553_15 Datasheet HTML 8Page - Analog Devices AD5553_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD5543/AD5553
Data Sheet
Rev. F | Page 4 of 20
Parameter
Symbol
Condition
5 V ± 10%
Unit
AC CHARACTERISTICS4
Output Voltage Settling Time
tS
To ±0.1% of full scale,
0.5
µs typ
Data = 0x0000 to 0xFFFF to 0x0000 for AD5543
Data = 0x0000 to 0x3FFF to 0x0000 for AD5553
Reference Multiplying Bandwidth
BW
VREF = 100 mV rms, data = 0xFFFF
6.6
MHz typ
DAC Glitch Impulse
Q
VREF = 0 V, data = 0x7FFF to 0x8000 for AD5543
7
nV-sec
Feedthrough Error
VOUT/VREF
Data = 0x0000, VREF = 100 mV rms, same channel
−83
dB
Digital Feedthrough
Q
CS = 1 and fCLK = 1 MHz
7
nV-sec
Total Harmonic Distortion
THD
VREF = 5 V p-p, data = 0xFFFF, f = 1 kHz
−103
dB typ
Output Spot Noise Voltage
eN
f = 1 kHz, BW = 1 Hz
12
nV/√Hz
1
All static performance tests (except IOUT) are performed in a closed-loop system using an external precision OP177 I-to-V converter amplifier. The AD5543 RFB terminal is
tied to the amplifier output. The +IN op amp is grounded, and the DAC IOUT is tied to the −IN op amp. Typical values represent average readings measured at 25°C.
2
These parameters are guaranteed by design and are not subject to production testing.
3
All ac characteristic tests are performed in a closed-loop system using an AD8038 I-to-V converter amplifier except for THD where an AD8065 was used.
4
All input control signals are specified with tR = tF = 2.5 ns (10% to 90% of 3 V) and timed from a voltage level of 1.5 V.
TIMING DIAGRAMS
SDI
CLK
CS
tCSH
tCSS
tDS
tDH
tCH
tCL
D15
D14
D13
D12
D11
D10
D9
D8
D1
D0
Figure 4. AD5543 Timing Diagram
tCSH
tCSS
tDS
tDH
tCH
tCL
SDI
CLK
CS
D13
D12
D11
D10
D9
D8
D7
D6
D1
D0
Figure 5. AD5553 Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com