Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5553 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5553
Description  Current Output/Serial Input, 16-/14-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5553 Datasheet(HTML) 5 Page - Analog Devices

  AD5553_15 Datasheet HTML 1Page - Analog Devices AD5553_15 Datasheet HTML 2Page - Analog Devices AD5553_15 Datasheet HTML 3Page - Analog Devices AD5553_15 Datasheet HTML 4Page - Analog Devices AD5553_15 Datasheet HTML 5Page - Analog Devices AD5553_15 Datasheet HTML 6Page - Analog Devices AD5553_15 Datasheet HTML 7Page - Analog Devices AD5553_15 Datasheet HTML 8Page - Analog Devices AD5553_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
AD5543/AD5553
Rev. F | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VDD to GND
−0.3 V to +8 V
VREF to GND
−18 V to +18 V
Logic Inputs to GND
−0.3 V to +8 V
V(IOUT) to GND
−0.3 V to VDD + 0.3 V
Input Current to Any Pin Except Supplies
±50 mA
Package Power Dissipation
(TJ Max − TA )/θJA
Thermal Resistance, θJA
8-Lead Surface Mount (MSOP)
150°C/W
8-Lead Surface Mount (SOIC)
100°C/W
Maximum Junction Temperature (TJ Max)
150°C
Operating Temperature Range
Model B and Model C
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature
R-8, RM-8 (Vapor Phase, 60 sec)
215°C
R-8, RM-8 (Infrared, 15 sec)
220°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com