Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5553 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5553
Description  Current Output/Serial Input, 16-/14-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5553 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5553_15 Datasheet HTML 12Page - Analog Devices AD5553_15 Datasheet HTML 13Page - Analog Devices AD5553_15 Datasheet HTML 14Page - Analog Devices AD5553_15 Datasheet HTML 15Page - Analog Devices AD5553_15 Datasheet HTML 16Page - Analog Devices AD5553_15 Datasheet HTML 17Page - Analog Devices AD5553_15 Datasheet HTML 18Page - Analog Devices AD5553_15 Datasheet HTML 19Page - Analog Devices AD5553_15 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD5543/AD5553
Data Sheet
Rev. F | Page 16 of 20
VIN: USE THIS PIN TO POWER THE SDP
REQUIRES 4-7V 200mA
VIO: USE TO SET IO VOLTAGE MAX DRAW 20mA
BOARD ID EEPROM (24LC64) MUST BE ON I2C BUS 0, ADDRESS IS AT USER DISCRETION
I2C BUS 1 IS COMMON ACROSS BOTH CONNECTORS ON SDP - PULL UP RESISTORS REQUIRED
BMODE1: PULL UP WITH A 10k RESISTOR TO SET SDP TO BOOT FROM A SPI FLASH ON THE DAUGHTER BOARD
(CONNECTED TO BLACKFIN GPIO - USE I2C_0 FIRST)
MAIN I2C BUS (CONNECTED TO BLACKFIN TWI - PULL UP RESISTORS NOT REQUIRED)
CONNECTOR
STANDARD
SDP
PARALLEL
PORT
SPORT
SPI
I2C
GENERAL
INPUT/OUTPUT
TIMERS
*
*
*
*
*
*
*
*
*
*
*
*
*
*NC ON BLACKFIN SDP
120
NC
119
NC
118
GND
117
GND
116
VIO(+3.3V)
115
GND
114
PAR_D22
113
PAR_D20
112
PAR_D18
111
PAR_D16
110
PAR_D15
109
GND
108
PAR_D12
107
PAR_D10
106
PAR_D8
105
PAR_D6
104
GND
103
PAR_D4
102
PAR_D2
101
PAR_D0
100
PAR_WR
99
PAR_INT
98
GND
97
PAR_A2
96
PAR_A0
95
PAR_FS2
94
PAR_CLK
93
GND
92
SPORT_RSCLK
91
SPORT_DR0
90
SPORT_RFS
89
SPORT_TFS
88
SPORT_DT0
87
SPORT_TSCLK
86
GND
85
SPI_SEL_A
84
SPI_MOSI
83
SPI_MISO
82
SPI_CLK
81
GND
80
SDA_0
79
SCL_0
78
GPIO1
77
GPIO3
76
GPIO5
75
GND
74
GPIO7
73
TMR_B
72
TMR_D
71
NC
70
NC
69
GND
68
NC
67
NC
66
NC
65
NC
64
NC
63
GND
62
UART_TX
61
BMODE1
60
RESET_IN
59
UART_RX
58
GND
57
NC
56
NC
55
NC
54
NC
53
NC
52
GND
51
NC
50
NC
49
TMR_C
48
TMR_A
47
GPIO6
46
GND
45
GPIO4
44
GPIO2
43
GPIO0
42
SCL_1
41
SDA_1
40
GND
39
SPI_SEL1/SPI_SS
38
SPI_SEL_C
37
SPI_SEL_B
36
GND
35
SPORT_INT
34
SPORT_DT3
33
SPORT_DT2
32
SPORT_DT1
31
SPORT_DR1
30
SPORT_DR2
29
SPORT_DR3
28
GND
27
PAR_FS1
26
PAR_FS3
25
PAR_A1
24
PAR_A3
23
GND
22
PAR_CS
21
PAR_RD
20
PAR_D1
19
PAR_D3
18
PAR_D5
17
GND
16
PAR_D7
15
PAR_D9
14
PAR_D11
13
PAR_D13
12
PAR_D14
11
GND
10
PAR_D17
9
PAR_D19
8
PAR_D21
7
PAR_D23
6
GND
5
USB_VBUS
4
GND
3
GND
2
NC
1
VIN
J2
1
A0
2
A1
3
A2
4
VSS
8
VCC
7
WP
6
SCL
5
SDA
U4
24LC64
USB_VBUS
3.3V_BF
SCLK
SDIN
/CS
START
3.3V_BF
STATUS
Figure 28. Schematic of SDP Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com