Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5553 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5553
Description  Current Output/Serial Input, 16-/14-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5553 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5553_15 Datasheet HTML 10Page - Analog Devices AD5553_15 Datasheet HTML 11Page - Analog Devices AD5553_15 Datasheet HTML 12Page - Analog Devices AD5553_15 Datasheet HTML 13Page - Analog Devices AD5553_15 Datasheet HTML 14Page - Analog Devices AD5553_15 Datasheet HTML 15Page - Analog Devices AD5553_15 Datasheet HTML 16Page - Analog Devices AD5553_15 Datasheet HTML 17Page - Analog Devices AD5553_15 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD5543/AD5553
Data Sheet
Rev. F | Page 14 of 20
EVALUATION BOARD
The EVAL-AD5543/EVAL-AD5553 is used in conjunction with
an SDP1Z system development platform board available from
Analog Devices, which is purchased separately from the
evaluation board. The USB-to-SPI communication to the
AD5543 is completed using this Blackfin-based development
board. The software offers a waveform generator.
SYSTEM DEVELOPMENT PLATFORM
The system development platform (SDP) is a hardware and
software evaluation tool for use in conjunction with product
evaluation boards. The SDP board is based on the Blackfin
BF527 processor with USB connectivity to the PC through a
USB 2.0 high speed port. For more information about this
device, see the system development platform web page.
AD5543/AD5553 TO SPORT INTERFACE
The Analog Devices SDP has one SPORT serial port. The
SPORT interface is used to control the AD5543/AD5553,
allowing clock frequencies up to 30 MHz.
SPORT_TFS
SPORT_TSCLK
SPORT_DTO
CS
SCLK
SDIN
AD5543/AD5553
ADSP-BF527
Figure 25. AD5543/AD5553 to SPORT Interface
WAVEFORM GENERATOR
The evaluation board software offers a waveform generator to
show every change introduced and transmitted to the output.
OPERATING THE EVALUATION BOARD
The evaluation board requires ±12 V and +5 V supplies. The
+12 V VDD and VSS are used to power the output amplifier, while
the +5 V is used to power the DAC (VDD1).
Figure 26. Evaluation Board Software—Waveform Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com