Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5553 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5553
Description  Current Output/Serial Input, 16-/14-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5553 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5553_15 Datasheet HTML 12Page - Analog Devices AD5553_15 Datasheet HTML 13Page - Analog Devices AD5553_15 Datasheet HTML 14Page - Analog Devices AD5553_15 Datasheet HTML 15Page - Analog Devices AD5553_15 Datasheet HTML 16Page - Analog Devices AD5553_15 Datasheet HTML 17Page - Analog Devices AD5553_15 Datasheet HTML 18Page - Analog Devices AD5553_15 Datasheet HTML 19Page - Analog Devices AD5553_15 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD5543/AD5553
Data Sheet
Rev. F | Page 18 of 20
BILL OF MATERIALS
Table 10.
Name
Part Description
Value
PCB Decal
Part Description
CS
Testpoint
Testpoint
Red testpoint
AGND
Testpoint
Testpoint
Black testpoint
C1
Capacitor+
10 µF
RTAJ_A
10 V SMD tantalum capacitor
C2
Capacitor
0.1 µF
C0603
50 V X7R ceramic capacitor
C3
Capacitor
5.6 pF
C0603
Multilayer ceramic capacitor
C4
Capacitor+
10 µF
RTAJ_B
16 V tantalum capacitor
C5
Capacitor
0.1 µF
C0603
50 V X7R ceramic capacitor
C6
Capacitor+
10 µF
RTAJ_B
16 V tantalum capacitor
C7
Capacitor
0.1 µF
C0603
50 V X7R ceramic capacitor
C8
Capacitor+
10 µF
RTAJ_B
16 V tantalum capacitor
C9
Capacitor
0.1 µF
C0603
50 V X7R ceramic capacitor
C10
Capacitor
0.1 µF
C0603
50 V X7R ceramic capacitor
C11
Capacitor
10 µF
C0805
10 V 10 µF ceramic capacitor 10% X5R 0805
C12
Capacitor
0.1 µF
C0603
50 V X7R ceramic capacitor
GL1
Ground link
Component link
Copper short
J1
CON\POWER5
CON\POWER5
5-pin terminal block
J2
SDP-STANDARD-CONN
CON-120/FX8-120S-SV
120-way connector, 0.6 mm pitch, receptacle
J3
SMB
SMB
Straight PCB mount SMB jack—50 Ω
J4
SMB
SMB
Straight PCB mount SMB jack—50 Ω
SCLK
Testpoint
Testpoint
Red testpoint
SDIN
Testpoint
Testpoint
Red testpoint
U1
AD5543/AD5553
SO8NB
Digital-to-analog converter
U2
ADR435
SO8NB
5 V reference
U3
AD8038
SO8NB
Single op amp 8-pin
U4
24LC64
MSO8
64K I2C serial EEPROM MSOP8
USB_VBUS
Testpoint
Testpoint
Black testpoint
VOUT
Testpoint
Testpoint
Red testpoint
VREF
Testpoint
Testpoint
Red testpoint
X1
MTHOLE-3MM
MTHOLE-3MM
3 mm NPTH hole
X2
MTHOLE-3MM
MTHOLE-3MM
3 mm NPTH hole



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com