Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5553 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5553
Description  Current Output/Serial Input, 16-/14-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5553 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5553_15 Datasheet HTML 3Page - Analog Devices AD5553_15 Datasheet HTML 4Page - Analog Devices AD5553_15 Datasheet HTML 5Page - Analog Devices AD5553_15 Datasheet HTML 6Page - Analog Devices AD5553_15 Datasheet HTML 7Page - Analog Devices AD5553_15 Datasheet HTML 8Page - Analog Devices AD5553_15 Datasheet HTML 9Page - Analog Devices AD5553_15 Datasheet HTML 10Page - Analog Devices AD5553_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
AD5543/AD5553
Rev. F | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
CODE (Decimal)
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
0
65,536
8192
16,384
57,344
49,152
40,960
32,768
24,576
Figure 7. AD5543 Integral Nonlinearity Error
CODE (Decimal)
1.0
0
65,536
8192
16,384
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
57,344
49,152
40,960
32,768
24,576
Figure 8. AD5543 Differential Nonlinearity Error
CODE (Decimal)
1.0
0
14,336 16,384
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
12,288
10,240
8192
6144
4096
2048
Figure 9. AD5553 Integral Nonlinearity Error
CODE (Decimal)
0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
16,384
2048
4096
14,336
12,288
10,240
8192
6144
Figure 10. AD5553 Differential Nonlinearity Error
SUPPLY VOLTAGE VDD (V)
1.5
1.0
–1.5
0
1
2
4
6
8
0.5
0
–0.5
–1.0
INL
DNL
GE
VREF = 2.5V
TA = 25°C
Figure 11. Linearity Error vs. VDD
LOGIC INPUT VOLTAGE VIH (V)
5
4
0
3
2
1
0
0.5
1.0
5.0
VDD = 5V
TA = 25°C
2.0
1.5
2.5
3.0
3.5
4.0
4.5
Figure 12. Supply Current vs. Logic Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com