Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5553 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5553
Description  Current Output/Serial Input, 16-/14-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5553 Datasheet(HTML) 3 Page - Analog Devices

  AD5553_15 Datasheet HTML 1Page - Analog Devices AD5553_15 Datasheet HTML 2Page - Analog Devices AD5553_15 Datasheet HTML 3Page - Analog Devices AD5553_15 Datasheet HTML 4Page - Analog Devices AD5553_15 Datasheet HTML 5Page - Analog Devices AD5553_15 Datasheet HTML 6Page - Analog Devices AD5553_15 Datasheet HTML 7Page - Analog Devices AD5553_15 Datasheet HTML 8Page - Analog Devices AD5553_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
AD5543/AD5553
Rev. F | Page 3 of 20
SPECIFICATIONS
VDD = 5 V ± 10%, VSS = 0 V, IOUT = virtual GND, GND = 0 V, VREF = 10 V, TA = full operating temperature range, unless otherwise noted.
Table 1.
Parameter
Symbol
Condition
5 V ± 10%
Unit
STATIC PERFORMANCE1
Resolution
N
1 LSB = VREF/216 = 153 µV when VREF = 10 V (AD5543)
16
Bits
1 LSB = VREF/214 = 610 µV when VREF = 10 V (AD5553)
14
Bits
Relative Accuracy
INL
Grade: AD5553C
±1
LSB max
Grade: AD5543C
±1
LSB max
Grade: AD5543B
±2
LSB max
Differential Nonlinearity
DNL
Monotonic
±1
LSB max
Output Leakage Current
IOUT
Data = 0x0000, TA = 25°C
10
nA max
Data = 0x0000, TA = TA maximum
20
nA max
Full-Scale Gain Error
GFSE
Data = 0xFFFF
±1/±4
mV typ/max
Full-Scale Temperature Coefficient2
TCVFS
1
ppm/°C typ
REFERENCE INPUT
VREF Range
VREF
−15/+15
V min/max
Input Resistance
RREF
5
kΩ typ3
Input Capacitance2
CREF
5
pF typ
ANALOG OUTPUT
Output Current
IOUT
Data = 0xFFFF for AD5543
2
mA typ
Data = 0x3FFF for AD5553
Output Capacitance2
COUT
Code dependent
200
pF typ
LOGIC INPUTS AND OUTPUT
Logic Input Low Voltage
VIL
0.8
V max
Logic Input High Voltage
VIH
2.4
V min
Input Leakage Current
IIL
10
µA max
Input Capacitance2
CIL
10
pF max
INTERFACE TIMING2, 4
See Figure 4 and Figure 5
Clock Input Frequency
fCLK
50
MHz
Clock Width High
tCH
10
ns min
Clock Width Low
tCL
10
ns min
CS to Clock Setup
tCSS
0
ns min
Clock to CS Hold
tCSH
10
ns min
Data Setup
tDS
5
ns min
Data Hold
tDH
10
ns min
SUPPLY CHARACTERISTICS
Power Supply Range
VDD RANGE
4.5/5.5
V min/max
Positive Supply Current
IDD
Logic inputs = 0 V
10
µA max
Power Dissipation
PDISS
Logic inputs = 0 V
0.055
mW max
Power Supply Sensitivity
PSS
ΔVDD = ±5%
0.006
%/% max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com