Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5553 Datasheet(PDF) 20 Page - Analog Devices

Part # AD5553
Description  Current Output/Serial Input, 16-/14-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5553 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5553_15 Datasheet HTML 12Page - Analog Devices AD5553_15 Datasheet HTML 13Page - Analog Devices AD5553_15 Datasheet HTML 14Page - Analog Devices AD5553_15 Datasheet HTML 15Page - Analog Devices AD5553_15 Datasheet HTML 16Page - Analog Devices AD5553_15 Datasheet HTML 17Page - Analog Devices AD5553_15 Datasheet HTML 18Page - Analog Devices AD5553_15 Datasheet HTML 19Page - Analog Devices AD5553_15 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
AD5543/AD5553
Data Sheet
Rev. F | Page 20 of 20
ORDERING GUIDE
Model1, 2
INL (LSB)
RES (LSB)
Temperature Range
Package Description
Package Option
Branding
AD5543CRMZ
±1
16
−40°C to +85°C
8-Lead MSOP
RM-8
DEV
AD5543CRMZ-REEL7
±1
16
−40°C to +85°C
8-Lead MSOP
RM-8
DEV
AD5543BR
±2
16
−40°C to +85°C
8-Lead SOIC_N
R-8
AD5543BRZ
±2
16
−40°C to +85°C
8-Lead SOIC_N
R-8
AD5543BRM
±2
16
−40°C to +85°C
8-Lead MSOP
RM-8
DXB
AD5543BRM-REEL7
±2
16
−40°C to +85°C
8-Lead MSOP
RM-8
DXB
AD5543BRMZ
±2
16
−40°C to +85°C
8-Lead MSOP
RM-8
DXB#
AD5543BRMZ-REEL7
±2
16
−40°C to +85°C
8-Lead MSOP
RM-8
DXB#
AD5553CRM
±1
14
−40°C to +85°C
8-Lead MSOP
RM-8
DUC
AD5553CRM-REEL7
±1
14
−40°C to +85°C
8-Lead MSOP
RM-8
DUC
AD5553CRMZ
±1
14
−40°C to +85°C
8-Lead MSOP
RM-8
DUC#
AD5553CRMZ-REEL7
±1
14
−40°C to +85°C
8-Lead MSOP
RM-8
DUC#
EVAL-AD5543SDZ
Evaluation Board
1
The AD5543 contains 1040 transistors. The die size measures 55 mil × 73 mil or 4,015 sq. mil.
2
Z = RoHS Compliant Part, # denotes RoHS-compliant product may be top or bottom marked.
©2002–2012 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D02917-0-1/12(F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com