Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5553 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5553
Description  Current Output/Serial Input, 16-/14-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5553 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5553_15 Datasheet HTML 2Page - Analog Devices AD5553_15 Datasheet HTML 3Page - Analog Devices AD5553_15 Datasheet HTML 4Page - Analog Devices AD5553_15 Datasheet HTML 5Page - Analog Devices AD5553_15 Datasheet HTML 6Page - Analog Devices AD5553_15 Datasheet HTML 7Page - Analog Devices AD5553_15 Datasheet HTML 8Page - Analog Devices AD5553_15 Datasheet HTML 9Page - Analog Devices AD5553_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD5543/AD5553
Data Sheet
Rev. F | Page 6 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
CLK
1
SDI
2
RFB 3
VREF 4
CS
8
VDD
7
GND
6
IOUT
5
AD5543/
AD5553
TOP VIEW
(Not to Scale)
Figure 6. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
CLK
Clock Input. Positive-edge triggered, clocks data into shift register.
2
SDI
Serial Register Input. Data loads directly into the shift register MSB first. Extra leading bits are ignored.
3
RFB
Internal Matching Feedback Resistor. This pin connects to an external op amp for voltage output.
4
VREF
DAC Reference Input Pin. Establishes DAC full-scale voltage. Constant input resistance vs. code.
5
IOUT
DAC Current Output. This pin connects to the inverting terminal of the external precision I-to-V op amp for
voltage output.
6
GND
Analog and Digital Ground.
7
VDD
Positive Power Supply Input. Specified range of operation at 5 V ± 10%.
8
CS
Chip Select. Active low digital input. Transfers shift-register data to DAC register on rising edge.
See Table 4 for operation.
Table 4. Control-Logic Truth Table
CLK
CS
Serial Shift Register Function
DAC Register
X
H
No effect
Latched
↑+1
L
Shift register data advanced one bit
Latched
X1
H
No effect
Latched
X1
↑+1
Shift register data transferred to DAC register
New data loaded from serial register
1
↑+ = positive logic transition; X = don't care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com