Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5553 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5553
Description  Current Output/Serial Input, 16-/14-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5553 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5553_15 Datasheet HTML 4Page - Analog Devices AD5553_15 Datasheet HTML 5Page - Analog Devices AD5553_15 Datasheet HTML 6Page - Analog Devices AD5553_15 Datasheet HTML 7Page - Analog Devices AD5553_15 Datasheet HTML 8Page - Analog Devices AD5553_15 Datasheet HTML 9Page - Analog Devices AD5553_15 Datasheet HTML 10Page - Analog Devices AD5553_15 Datasheet HTML 11Page - Analog Devices AD5553_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD5543/AD5553
Data Sheet
Rev. F | Page 8 of 20
CLOCK FREQUENCY (Hz)
3.0
2.5
0
100M
10k
100k
1M
10M
2.0
1.5
1.0
0.5
0xFFFF
0x0000
0x8000
0x5555
Figure 13. AD5543 Supply Current vs. Clock Frequency
FREQUENCY (Hz)
90
80
30
10k
1M
70
60
50
40
20
10
0
1k
100
10
VDD = 5V ± 10%
VREF = 10V
100k
Figure 14. Power Supply Rejection Ratio (PSRR) vs. Frequency
20
–160
–140
–120
–100
–80
–60
–40
–20
0
0
25
20
15
10
5
FREQUENCY (kHz)
Figure 15. AD5543/AD5553 Analog THD
5V
A2
–5V
67.72µs
DLY
2V
136ns
Figure 16. Settling Time
–3.65
–3.70
–3.75
–3.80
–3.85
–3.90
–3.95
–4.05
–4.00
–20
–10
0
10
20
30
40
TIME (ns)
Figure 17. Midscale Transition and Digital Feedthrough



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com