Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1021 Datasheet(PDF) 21 Page - Asahi Kasei Microsystems

Part # AP1021
Description  32V Dual Microstepping Motor Driver IC with SPI
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1021 Datasheet(HTML) 21 Page - Asahi Kasei Microsystems

Back Button AP1021 Datasheet HTML 16Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 17Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 18Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 19Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 20Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 21Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 22Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 23Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 24Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
[AP1021]
015000428-E-00
2015/01
- 21 -
Table 4. Recommended external components example
Items
min
typ
max
Unit
Remark
CVM
-
-
47
1
-
-
F
F
Electrolytic condenser
Ceramic condenser
CVC
-
1.0
-
F
CVG
4.7
100
150
nF
CLV
0.68
1.0
1.5
F
CVIS
-
1.0
-
F
RISn
-
500
-
m
RR1
-
12
-
k
RR2
-
47
-
k
Note 13. Above capacitance is an example. Please choose the best external capacitors of CVM, CVC and
CVG for the customers’ application boards by depending on the load current profile, the load capacitance,
the line resistance and etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com