Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1021 Datasheet(PDF) 22 Page - Asahi Kasei Microsystems

Part # AP1021
Description  32V Dual Microstepping Motor Driver IC with SPI
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1021 Datasheet(HTML) 22 Page - Asahi Kasei Microsystems

Back Button AP1021 Datasheet HTML 16Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 17Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 18Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 19Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 20Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 21Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 22Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 23Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 24Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
[AP1021]
015000428-E-00
2015/01
- 22 -
12. Package
■ Outline Dimensions
・32-pin QFN(Unit: mm)
5.00±0.05
3.60
3.50
0.25±0.05
0.50±0.05
0.20 Ref
Unit : mm
0.40±0.10
0.3
Top View
Bottom View
32
1
1
32
■ Marking
YWWAA
(1) 1pin Description
(2)Product Name "AP1021"
(3)Year Code(last 1 digit)
(4)Week Code
(5)Management Code
(1)
AP1021
(3)
(2)
(4)
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com