Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1021 Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AP1021
Description  32V Dual Microstepping Motor Driver IC with SPI
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1021 Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AP1021 Datasheet HTML 1Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 2Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 3Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 4Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 5Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 6Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 7Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 8Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
[AP1021]
015000428-E-00
2015/01
- 3 -
4. Block Diagram
Figure 1. Block Diagram
M
M
Control Logic
CPU
EN
LV
IS1
IS2
IS3
IS4
VC
OSC
UVLO
TSD
VREF
1/2.5
H-bridge
Current Control
Charge
Pump
VREF
Exposed
Pad
RIS4
RIS3
RIS2
RIS1
CLV
CVC
CIVS
5
VIS
VREF
VG
VM
OUT1A
OUT1B
OUT2A
OUT2B
OUT3A
OUT3B
OUT4A
OUT4B
VM
CVM
CVG
RR1
RR2
VC
Iout=VIS / (2.5×RIS)
SDO
CSN,SDI,SCK,
OE12,OE34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com