Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1021 Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AP1021
Description  32V Dual Microstepping Motor Driver IC with SPI
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1021 Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AP1021 Datasheet HTML 1Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 2Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 3Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 4Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 5Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 6Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 7Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 8Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
[AP1021]
015000428-E-00
2015/01
- 1 -
1. General Description
The AP1021 is a complete microstepping motor driver that can drive two stepper motors, to operate up to
28V motor supply voltage. N-channel LDMOS FETs are built in both high and low side for output driver to
achieve small package. It also includes under voltage detection and thermal shut down circuits. It is suitable
for driving various types of stepper motors.
2. Features
Built-in PWM Current Control Stepper Motor Driver
SPI Interface
Full Programmable Excitation Mode up to 1/64 step
Control Supply Voltage
(VC)
3.0V to 5.5V
Motor Drive Operating Voltage(VM)
2.0V to 28V
H-Bridge On Resistance
1.0
Adjustable PWM Motor Current by VIS pins.
Built-in UVLO(Under Voltage Lock Out circuit)
Built-in TSD(Thermal Shut Down circuit)
Built-in Charge Pump Circuit
Operating Temperature Range
-40C to +85C
Small 32-pin QFN (5mm×5mm) Package
AP1021AEN
32V Dual Microstepping Motor Driver IC with SPI


Similar Part No. - AP1021

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1021AEN AKM-AP1021AEN Datasheet
933Kb / 24P
32V Dual Microstepping Motor Driver IC with SPI
More results

Similar Description - AP1021

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
MTD2017G SHINDENGEN-MTD2017G Datasheet
120Kb / 5P
Dual Full-bridge Microstepping PWM Motor Driver
MTD2525J SHINDENGEN-MTD2525J Datasheet
137Kb / 7P
DMOS Microstepping Dual PWM Motor Driver
logo
STMicroelectronics
L6470 STMICROELECTRONICS-L6470 Datasheet
814Kb / 70P
dSPIN fully integrated microstepping motor driver with motion engine and SPI
19-Jun-2012
EVAL6470H STMICROELECTRONICS-EVAL6470H Datasheet
743Kb / 70P
dSPIN fully integrated microstepping motor driver with motion engine and SPI
20-Dec-2012
logo
Sanken electric
SI-7321M SANKEN-SI-7321M Datasheet
238Kb / 19P
Unipolar 2-Phase Microstepping Motor Driver IC
logo
Shindengen Electric Mfg...
MTD2525JE SHINDENGEN-MTD2525JE Datasheet
137Kb / 7P
DMOS Microstepping Dual PWM Motor Driver
logo
Asahi Kasei Microsystem...
AP1029ADN AKM-AP1029ADN Datasheet
802Kb / 19P
32V H-Bridge DC Motor Driver IC
AP1021AEN AKM-AP1021AEN Datasheet
933Kb / 24P
32V Dual Microstepping Motor Driver IC with SPI
AP1029ADR AKM-AP1029ADR Datasheet
620Kb / 18P
32V H-Bridge DC Motor Driver IC
AP1040 AKM-AP1040 Datasheet
726Kb / 18P
32V 2ch H-Bridge Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com