Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1021 Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AP1021
Description  32V Dual Microstepping Motor Driver IC with SPI
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1021 Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AP1021 Datasheet HTML 3Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 4Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 5Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 6Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 7Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 8Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 9Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 10Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
[AP1021]
015000428-E-00
2015/01
- 7 -
9. Electrical Characteristics
(Ta = 25C, VM=24V, VC = 5.0V, unless otherwise specified.)
Parameter
Symbol
Conditions
min
typ
max
Unit
Quiescent current
VC Quiescent current at OFF
IVCOFF
EN=”L”
-
-
10
A
VM Quiescent current at OFF
IVMOFF
EN=”L”
-
-
20
A
VC Quiescent current at operate
IVC
EN=”H”
SCK = 2MHz
Current data
increment speed =
1kHz
-
1.6
3.0
mA
H-bridge circuit
Driver on resistance
(High side + Low side)
RON1
Iload
1ch/2ch =
100mA/100mA
Ta = 25C
-
1.0
1.3
Ω
Body diode forward voltage
VF
IF = 100mA
-
0.8
1.2
V
Control logic
Input High level voltage
VIH
VC = 3.0V-5.5V
0.7xVC
-
-
V
Input Low level voltage
VIL
-
-
0.3xVC
V
Input pulse rise time
(OE12, OE34 pin)
tR
-
-
1.0
s
Input pulse fall time
(OE12, OE34 pin)
tF
-
-
1.0
s
Input High level current
IIH
-1.0
-
1.0
A
Input High level current
(EN pin)
IIHEN
15
25
40
A
Input Low level current
IIL
-1.0
-
1.0
A
Reference voltage
VREF terminal voltage
VREF
Iload = 100A
1.22
1.25
1.28
V
Current operation
Blanking time
tB
2.4
3.0
3.6
s
VIS offset voltage
VOSIS
-50
0
50
mV
Protection circuit
VC under voltage detect voltage
VCUV
1.9
2.2
2.5
V
Thermal shut down temperature
TTSD
Design certification
(Note 12)
150
175
200
C
Temperature hysteresis
TTSDHYS
Design certification
(Note 12)
-
30
-
C
Note 11. All above voltage are defined to GND.
Note 12. Not tested under mass-production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com