Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1021 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AP1021
Description  32V Dual Microstepping Motor Driver IC with SPI
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1021 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AP1021 Datasheet HTML 2Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 3Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 4Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 5Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 6Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 7Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 8Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 9Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
[AP1021]
015000428-E-00
2015/01
- 6 -
7. Absolute Maximum Ratings
Parameter
Symbol
min
max
Unit
Remark
Control supply voltage
VC
-0.5
5.5
V
Motor driver supply voltage
VM
-0.5
32
V
VC level terminal
(EN, CSN, SCK, SDI, SDO, OE12, OE34)
Vterm1
-0.5
VC
V
VM level terminal
(OUTnA, OUTnB)
Vterm2
-0.5
VM
V
1.8V level terminal
(LV, VREF, VIS)
Vterm3
-0.5
1.9
V
1.2V level terminal
(ISn)
Vterm4
-0.5
1.3
V
Maximum output current
IloadDC
-
1.2
A
Dual use (Note 8)
IloadPeak
-
1.7
A
Single use (Note 9)
Ipulse
-
2.8
A
Pulsed tw<1s
Power dissipation
PD
-
3.9
W
Ta=25C
Junction temperature
Tj
-
150
C
Storage temperature
Tstg
-40
150
C
Note 4. All above voltage are defined to GND.
Note 5. Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the products on the verge of
suffering physical damages, and therefore products must be used under conditions that ensure that the
absolute maximum ratings are not exceeded.
Note 6. When 4 layer board is used, this is calculated θJA=32C/W. EP terminal is connected ground.
Note 7. The each power supply of VM and VC is sequence-free.
Note 8. The AP1021 drives two stepper motors at the same time.
Note 9. For Power Dissipation, the output current rating may be limited by duty cycle, Ta, and PCB board
heat sinking design.
8. Recommended Operation Condition
Parameter
Symbol
min
typ
max
Unit
Remark
Motor driver supply voltage
VM
2.0
24.0
28.0
V
Control supply voltage
VC
3.0
5.0
5.5
V
VIS input voltage range
VIS
0.2
-
VREF
V
Io=(VIS/2.5)/RISn
Operating Temperature range
Ta
-40
-
85
C
Note 10. All above voltage are defined to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com