Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1021 Datasheet(PDF) 17 Page - Asahi Kasei Microsystems

Part # AP1021
Description  32V Dual Microstepping Motor Driver IC with SPI
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1021 Datasheet(HTML) 17 Page - Asahi Kasei Microsystems

Back Button AP1021 Datasheet HTML 13Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 14Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 15Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 16Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 17Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 18Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 19Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 20Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 21Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
[AP1021]
015000428-E-00
2015/01
- 17 -
■ Register map
Register
Name
Addr
7
6
5
4
3
2
1
0
STEP12
00H
STEP12[7:0]
STEP34
01H
STEP34[7:0]
OECTL
02H
Reserved
OE34
OE12
OECNFG
03H
Reserved
SELOE
Resister spaces are four bytes of 03H from 00H. It is inhibit to write the address exceeding 03H.
■ Register Description
Address : 00H
7
6
5
4
3
2
1
0
R
STEP12[7:0]
W
default
0
0
0
0
0
0
0
0
BIT
Field
R/W
Description
7-0
STEP12[7:0]
R/W
The step of Motor Driver 1 & 2 Setting.
According to the STEP value set up by this register,
OUT1A, OUT1B, OUT2A, OUT2B, IS1, and IS2 are
outputted.
Address : 01H
7
6
5
4
3
2
1
0
R
STEP34[7:0]
W
default
0
0
0
0
0
0
0
0
BIT
Field
R/W
Description
7-0
STEP34[7:0]
R/W
The step of Motor Driver 3 & 4 Setting.
According to the STEP value set up by this register,
OUT3A, OUT3B, OUT4A, OUT4B, IS3, and IS4 are
outputted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com