Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1021 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AP1021
Description  32V Dual Microstepping Motor Driver IC with SPI
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1021 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AP1021 Datasheet HTML 1Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 2Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 3Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 4Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 5Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 6Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 7Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 8Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
[AP1021]
015000428-E-00
2015/01
- 5 -
■ Pin Functions
No.
Pin
Name
Type
(
Note 1)
I/O
(
Note 2)
Function
Remark
1
OUT1A A
O
Motor driver output
2, 3
IS1
A
IO
Current sense terminal
4
OUT1B
A
O
Motor driver output
5, 20
VM
P
-
Motor driver power supply
6
OUT2A A
O
Motor driver output
7, 8
IS2
A
IO
Current sense terminal
9
OUT2B
A
O
Motor driver output
10
EN
D
I
Chip Enable (Power save)
200k Pull-down
11
TEST1
A
I
TEST pin. This pin must be connected
to the ground.
12
VIS
A
I
Motor current set voltage input
13
VREF
A
O
Voltage reference
14
LV
A
O
Logic voltage output capacitor
connection
15
VC
P
-
Control power supply
16
OUT4B
A
O
Motor driver output
17, 18
IS4
A
I
Current sense terminal
19
OUT4A A
O
Motor driver output
21
OUT3B
A
O
Motor driver output
22, 23
IS3
A
IO
Current sense terminal
24
OUT3A A
O
Motor driver output
25
SCK
D
I
Control data clock
26
SDI
D
I
Control data input
27
CSN
D
I
Chip select
28
SDO
D
I
Control data output
29
OE12
D
I
OUT1/2 Output Enable when SELOE
register bit=H
30
OE34
D
I
OUT3/4 Output Enable when SELOE
register bit=H
31
TEST2
D
I
TEST pin. This pin must be connected
to the ground.
32
VG
A
IO
Charge-pump output voltage
Exposed
Pad
EP
GND
-
Ground
(Note 3)
Note 1.
A(analog pin), D(digital pin), GND(ground pin), P(power pin)
Note 2.
I(input pin), O(output pin), IO(input/output pin)
Note 3.
Exposed Pad must be connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com