Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1021 Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AP1021
Description  32V Dual Microstepping Motor Driver IC with SPI
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1021 Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AP1021 Datasheet HTML 4Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 5Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 6Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 7Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 8Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 9Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 10Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 11Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
[AP1021]
015000428-E-00
2015/01
- 8 -
10. Functional Descriptions
■ Enable mode
AP1021 can set outputs as Enable mode (Hi-Z) by registers or pins. When OE12 bit or OE34 bit is set to “0”
→
“1” during SELOE bit = “0”, the outputs of OUT1/2 or OUT3/4 pin is set to Hi-Z. When OE12 pin or
OE34 pin is set to “L”→“H” during SELOE bit = “1”, the outputs of OUT1/2 or OUT3/4 pin is set to Hi-Z.
Table 1. Enable mode setting (x: Don’t care)
SELOE bit
OE12 bit
OE34 bit
OE12 pin
OE34 pin
OUT1/2 pin
OUT3/4 pin
“0”
“0”
“0”
x
x
Hi-Z
Hi-Z
(default)
‘“0”
“0”
“1”
x
x
Hi-Z
Normal operate
“0”
“1”
“0”
x
x
Normal operate
Hi-Z
“0”
“1”
“1”
x
x
Normal operate
Normal operate
“1”
x
x
“L”
“L”
Hi-Z
Hi-Z
“1”
x
x
“L”
“H”
Hi-Z
Normal operate
“1”
x
x
“H”
“L”
Normal operate
Hi-Z
“1”
x
x
“H”
“H”
Normal operate
Normal operate
Figure 2. The example of an Enable mode setup by OE12 & OE34 pin
The figure is an image figure of 1/4step.
Iout1/3
OE12 pin
OE34 pin
Enable
Iout2/4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com