Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1021 Datasheet(PDF) 16 Page - Asahi Kasei Microsystems

Part # AP1021
Description  32V Dual Microstepping Motor Driver IC with SPI
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1021 Datasheet(HTML) 16 Page - Asahi Kasei Microsystems

Back Button AP1021 Datasheet HTML 12Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 13Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 14Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 15Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 16Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 17Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 18Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 19Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 20Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
[AP1021]
015000428-E-00
2015/01
- 16 -
・DC characteristics
Table 2.
(Ta = 25C; VM = 2.0 ~ 24V, VC =3.0 ~ 5.5V, unless otherwise specified.)
Parameter
Symbol
min
typ
max
Unit
Serial µP Interface (SDI, SDO, SCK pins)
High-Level Input Voltage
Low-Level Input Voltage
VIH
VIL
0.7xVC
-
-
-
-
0.3xVC
V
V
Serial µP Interface (SDO pins Output)
High-Level Output Voltage
(Iout = 80A)
Low-Level Output Voltage
(Iout = 80A)
VOH
VOL
VC0.2
-
-
-
-
0.2
V
V
・Switching characteristics
Table 3.
Parameter
Symbol
min
typ
max
Unit
Control Interface Timing
SCK Period
tSCK
500
-
-
ns
SCK Pulse Width Low
tSCKL
200
-
-
ns
SCK Pulse Width High
tSCKH
200
-
-
ns
SDI Setup Time
tSU
100
-
-
ns
SDI Hold Time
tH
100
-
-
ns
CSN “H” Time
tCSW
375
-
-
ns
Enable Lead Time
CSN “” Edge to SCK “”
tLead
250
-
-
ns
Enable Lag Time
SCK “” to CSN “” Edge
tLag
250
-
-
ns
Access Time
tA
0
-
120
ns
Data Valid
SCK “” to SDO (at Read Command)
tV
-
-
240
ns
Data Hold Time
tHO
0
-
-
ns
Disable Time
CSN “” to SDO (Hi-Z) (at Read Command)
tdis
-
-
240
ns
SCK
CSN
SDI
SDO
tSCK
tLead
tLag
tSCKH tSCKL
tSU
tH
tA
tdis
tHO
tV
tCSW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com