Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1012 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN1012
Description  Predicting the battery life and data
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1012 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN1012 Datasheet HTML 7Page - STMicroelectronics AN1012 Datasheet HTML 8Page - STMicroelectronics AN1012 Datasheet HTML 9Page - STMicroelectronics AN1012 Datasheet HTML 10Page - STMicroelectronics AN1012 Datasheet HTML 11Page - STMicroelectronics AN1012 Datasheet HTML 12Page - STMicroelectronics AN1012 Datasheet HTML 13Page - STMicroelectronics AN1012 Datasheet HTML 14Page - STMicroelectronics AN1012 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
AN1012
4T cell devices
Doc ID 6395 Rev 4
11/33
4
4T cell devices
In moving to the newer process technologies (e.g., M48Z58 (8K x 8) device),
STMicroelectronics has chosen to reduce the active current as well as decrease the die
size. The STMicroelectronics HCMOS4PZ process is a 0.6
μm, double-level metal process.
In the standard SRAM memory cell, 6 transistors are formed into a pair of cross-coupled
inverters. In the 4T memory cell, the top two p-channel devices are replaced by poly-silicon
load resistors (poly-R). This combination allows for significant die size reduction because
the poly-R structures can be stacked on top of the active n-channel devices.
There is always at least one direct path constantly leaking current to ground in each cell
because of the poly-R structures in each SRAM cell. However, the value of the resistor is
extremely high (about 3T
Ω at 25 °C), so at a cell voltage of 3 V, this leads to a leakage
current of 1 pA. Multiplying by the number of cells within the array, the array standby current
can be calculated (i.e. 65.5 nA for a 65536-cell array).
The poly-R structure values are dependent on temperature, so the entire array current is
very strongly temperature-dependent. Appendix B: ZEROPOWER products on page 26
shows the expected battery lifetime of an M48Z58 device versus working temperature with a
VCC duty cycle of 0%.
The original specification was an expected lifetime of greater than 10 years at 25 °C but, in
fact, this target is typically achieved even at 70 °C. By reducing the temperature, the
expected lifetime rises to greater than 20 years (i.e., when the device is operated at 50 °C).
This change is defined entirely by the temperature sensitivity of the poly-R structures within
each SRAM cell.
The M48Z35 also employs the STMicroelectronics HCMOS4PZ process, 4T SRAM cell
technology. Appendix B shows the expected battery lifetime of an M48Z35 device versus
working temperature with a VCC duty cycle of 0%. From this we can see that expected
lifetime is typically greater than 20 years when operated at 30 °C with no external VCC
applied, and falls to approximately 2.6 years for continuous battery backup at 70 °C. This is
to be expected, due to the increased current consumption inherent in the 4T SRAM cell
architecture. It should be noted that this data is based on usage of the SNAPHAT® product
which includes a 48 mAh battery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com