Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1012 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN1012
Description  Predicting the battery life and data
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1012 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN1012 Datasheet HTML 25Page - STMicroelectronics AN1012 Datasheet HTML 26Page - STMicroelectronics AN1012 Datasheet HTML 27Page - STMicroelectronics AN1012 Datasheet HTML 28Page - STMicroelectronics AN1012 Datasheet HTML 29Page - STMicroelectronics AN1012 Datasheet HTML 30Page - STMicroelectronics AN1012 Datasheet HTML 31Page - STMicroelectronics AN1012 Datasheet HTML 32Page - STMicroelectronics AN1012 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
Revision history
AN1012
32/33
Doc ID 6395 Rev 4
11
Revision history
Table 17.
Document revision history
Date
Revision
Changes
13-Oct-1998
0.0
Document written
14-Dec-1998
1.0
1st edition of ZEROPOWER and TIMEKEEPER application note book
07-Mar-2000
1.1
Data changed from that of 49 mAh and 130 mAh batteries to that of
48 mAh and 120 mAh batteries
25-Apr-2000
1.2
Controllers renamed as supervisors
26-Jun-2000
1.3
M48T35 typ data retention lifetime changed to 7/10 years (Tab-7 on p15)
08-May-2001
2.0
Reformatted, text, graphics, values updated (Figure 6, 7, 8, 10; Table 3,
5, 6, 7, 15, 13, 14, 16, 17)
15-May-2001
2.1
Change trend colors to black (Figure 6, 7, 8, 10)
31-May-2005
3.0
Update information (Figure 1, 6, 7, 8, 9, 10; Table 1, 3, 5, 6, 7, 8, 9, 11,
12, 13, 14, 15, 16)
15-Sep-2011
4
Product updates; minor textual updates; revised document presentation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com