Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1012 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN1012
Description  Predicting the battery life and data
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1012 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN1012 Datasheet HTML 13Page - STMicroelectronics AN1012 Datasheet HTML 14Page - STMicroelectronics AN1012 Datasheet HTML 15Page - STMicroelectronics AN1012 Datasheet HTML 16Page - STMicroelectronics AN1012 Datasheet HTML 17Page - STMicroelectronics AN1012 Datasheet HTML 18Page - STMicroelectronics AN1012 Datasheet HTML 19Page - STMicroelectronics AN1012 Datasheet HTML 20Page - STMicroelectronics AN1012 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
AN1012
TIMEKEEPER products
Doc ID 6395 Rev 4
17/33
5.2.4
M48T35 and M48T37V/Y
The M48T35 and M48T37V/Y families use the same technology as the M48T58 device, but
with a 32K x 8 SRAM array. Figure 10 and Figure 11 show the expected battery lifetime
versus temperature. The expected battery lifetime (at 30 °C with no periods of valid VCC) is
typically 6.8 years (this assumes that a 48 mAh battery is used, see Figure 10). Devices in
the larger M4T32-BR12SH SNAPHAT® package have a data retention lifetime of greater
than twice this (almost 17 years, see Figure 11).
Figure 10.
M48T35/37V/37Y data retention lifetime vs. temperature (48 mAh, 100%
battery backup)
Figure 11.
M48T35/37V/37Y data retention lifetime vs. temperature (120 mAh, 100%
battery backup)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com