Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1012 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN1012
Description  Predicting the battery life and data
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1012 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN1012 Datasheet HTML 18Page - STMicroelectronics AN1012 Datasheet HTML 19Page - STMicroelectronics AN1012 Datasheet HTML 20Page - STMicroelectronics AN1012 Datasheet HTML 21Page - STMicroelectronics AN1012 Datasheet HTML 22Page - STMicroelectronics AN1012 Datasheet HTML 23Page - STMicroelectronics AN1012 Datasheet HTML 24Page - STMicroelectronics AN1012 Datasheet HTML 25Page - STMicroelectronics AN1012 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Industrial temperature devices
AN1012
22/33
Doc ID 6395 Rev 4
8
Industrial temperature devices
Due to ever increasing requirements for portability and operation under extreme
environmental conditions, STMicroelectronics offers industrial temperature versions
(–40°C to +85°C) of our serial RTC devices. This expanded operating range allows these
products to perform under more extreme temperatures for applications such as:
cell phone base stations;
traffic control;
portable equipment;
land, water, and aircraft instrumentation; and
industrial control equipment.
These products are indicated by the digit ‘6’ at the end of the sales-type. The industrial
temperature TIMEKEEPER® SNAPHAT® top is also designated by the suffix “6.” Predicted
data retention lifetimes are listed in Appendix B: ZEROPOWER products on page 26 and
Appendix C: TIMEKEEPER® products on page 28.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com