Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1012 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN1012
Description  Predicting the battery life and data
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1012 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN1012 Datasheet HTML 17Page - STMicroelectronics AN1012 Datasheet HTML 18Page - STMicroelectronics AN1012 Datasheet HTML 19Page - STMicroelectronics AN1012 Datasheet HTML 20Page - STMicroelectronics AN1012 Datasheet HTML 21Page - STMicroelectronics AN1012 Datasheet HTML 22Page - STMicroelectronics AN1012 Datasheet HTML 23Page - STMicroelectronics AN1012 Datasheet HTML 24Page - STMicroelectronics AN1012 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
AN1012
Choosing SRAM
Doc ID 6395 Rev 4
21/33
Table 6.
M48T201V/Y (120 mAh SNAPHAT) data retention life vs. SRAM type
Size
(Mbit)
Product
IBAT (SRAM) (nA)
IBAT (Total) (nA)
Lifetime in years(1)
1.
According to the respective manufacturer’s datasheets at the time of writing.
25°C
70°C
25°C
70°C
25°C
70°C
1
Hynix
HY628100BLLT1-55
1000
10000
1075
10800
8.7
1.3
HY62V8100BLLT1-70(2)
2.
3 V device
1000
10000
1075
10800
8.7
1.3
Renesas
M5M51008DVP-55H
500
10000
1075
10800
12.7
1.3
M5M5V108DVP-70H(2)
1000
10000
1575
10800
8.7
1.3
4
Renesas
R1LP0408CSB-5SC
800
8000
1375
8800
10.0
1.6
R1LV0408CSB-5SC(2)
500
8000
1075
8800
12.7
1.6
8
Renesas
HM62V8100LTTI-5SL
500
10000
1075
10800
12.7
1.3
Samsung
K6X8008T2B-UF5500
N/A
15000
N/A
15800
N/A
0.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com